Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D3444-25 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 3D3444-25
Description  MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE (SERIES 3D3444)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D3444-25 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  3D3444-25 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D3444-25 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D3444-25 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D3444-25 Datasheet HTML 4Page - Data Delay Devices, Inc. 3D3444-25 Datasheet HTML 5Page - Data Delay Devices, Inc. 3D3444-25 Datasheet HTML 6Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3D3444
MONOLITHIC QUAD 4-BIT
PROGRAMMABLE DELAY LINE
(SERIES 3D3444)
FEATURES
Four indep’t programmable lines on a single chip
All-silicon CMOS technology
Low voltage operation (3.3V)
Low quiescent current (1mA typical)
Leading- and trailing-edge accuracy
Vapor phase, IR and wave solderable
Auto-insertable (DIP pkg.)
Increment range: 2ns through 25ns
Delay tolerance: 1ns or 2% (See Table 1)
Temperature stability:
±2% typical (0C-70C)
Vdd stability:
±1% typical
Minimum input pulse width: 10% of total delay
FUNCTIONAL DESCRIPTION
The 3D3444 device is a small, versatile, quad 4-bit programmable
monolithic delay line. Delay values, programmed via the serial interface,
can be independently varied over 15 equal steps. The step size (in ns) is
determined by the device dash number. Each input is reproduced at the
corresponding output without inversion, shifted in time as per user
selection. For each line, the delay time is given by:
TDn = T0 + An * TI
where T0 is the inherent delay, An is the delay address of the n-th line and
TI is the delay increment (dash number). The desired addresses are shifted into the device via the SC and
SI inputs, and the addresses are latched using the AL input. The serial interface can also be used to
enable/disable each delay line. The 3D3444 operates at 3.3 volts and has a typical T0 of 9ns. The 3D3444
is CMOS-compatible, capable of sourcing or sinking 4mA loads, and features both rising- and falling-edge
accuracy. The device is offered in a standard 14-pin auto-insertable DIP and a space saving surface mount
14-pin SOIC.
PACKAGES
14
13
12
11
10
9
8
1
2
3
4
5
6
7
I1
SC
I2
I3
I4
SI
GND
VDD
AL
O1
SO
O2
O3
O4
DIP-14
3D3444-xx
1
2
3
4
5
6
7
14
13
12
11
10
9
8
I1
SC
I2
I3
I4
SI
GND
VDD
AL
O1
SO
O2
O3
O4
SOIC-14
3D3444D-xx
PIN DESCRIPTIONS
I1-I4
Signal Inputs
O1-O4 Signal Outputs
AL
Address Latch In
SC
Serial Clock In
SI
Serial Data In
SO
Serial Data Out
VDD
3.3V
GND
Ground
TABLE 1: PART NUMBER SPECIFICATIONS
DELAYS AND TOLERANCES (ns)
INPUT RESTRICTIONS
Delay
Total
Inherent
Max Freq. (MHz)
Min P.W. (ns)
PART
NUMBER
Increment
Delay
Delay
Recommended
Absolute
Recommended
Absolute
3D3444-2
2.0
± 1.50
30.0
± 1.0
9
± 2.0
13.8
166
36.0
3.0
3D3444-4
4.0
± 2.00
60.0
± 1.2
9
± 2.0
7.57
83.3
66.0
6.0
3D3444-5
5.0
± 2.25
75.0
± 1.5
9
± 2.0
6.17
66.6
81.0
7.5
3D3444-8
8.0
± 3.00
120
± 2.4
9
± 2.0
3.96
41.6
126.0
12.0
3D3444-10
10
± 3.00
150
± 3.0
9
± 2.0
3.20
33.3
156.0
15.0
3D3444-15
15
± 4.00
225
± 4.5
9
± 2.0
2.16
22.2
231.0
22.5
3D3444-20
20
± 6.00
300
± 6.0
9
± 2.0
1.63
16.6
306.0
30.0
3D3444-25
25
± 7.00
375
± 7.5
9
± 2.0
1.31
13.3
381.0
37.5
NOTES: Any increment between 2 and 25 ns not shown is also available as standard
Total delay is given by delay at address 15 minus delay at address 0
2002 Data Delay Devices
For mechanical dimensions, click
here.
For package marking details, click
here.
Doc #00119
DATA DELAY DEVICES, INC.
1
8/2/02
3 Mt. Prospect Ave. Clifton, NJ 07013


Similar Part No. - 3D3444-25

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3418 DATADELAY-3D3418 Datasheet
408Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D3418 - LOW NOISE)
3D3418-0.25 DATADELAY-3D3418-0.25 Datasheet
408Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D3418 - LOW NOISE)
3D3418-0.5 DATADELAY-3D3418-0.5 Datasheet
408Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D3418 - LOW NOISE)
3D3418-1 DATADELAY-3D3418-1 Datasheet
408Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D3418 - LOW NOISE)
3D3418-2 DATADELAY-3D3418-2 Datasheet
408Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D3418 - LOW NOISE)
More results

Similar Description - 3D3444-25

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3424 DATADELAY-3D3424 Datasheet
357Kb / 6P
   MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE
3D7424 DATADELAY-3D7424 Datasheet
361Kb / 6P
   MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE
3D7444 DATADELAY-3D7444 Datasheet
316Kb / 6P
   MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7444)
logo
List of Unclassifed Man...
3D3428 ETC-3D3428 Datasheet
509Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
Data Delay Devices, Inc...
3D7408 DATADELAY-3D7408 Datasheet
65Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428 Datasheet
513Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428_06 Datasheet
471Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
PDU14F DATADELAY-PDU14F Datasheet
58Kb / 5P
   4-BIT PROGRAMMABLE DELAY LINE
3D3428 DATADELAY-3D3428 Datasheet
516Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D7438 DATADELAY-3D7438 Datasheet
101Kb / 6P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com