Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D7110G-8 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # 3D7110G-8
Description  MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7110)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7110G-8 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  3D7110G-8 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7110G-8 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7110G-8 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7110G-8 Datasheet HTML 4Page - Data Delay Devices, Inc. 3D7110G-8 Datasheet HTML 5Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3D7110
TABLE 1: PART NUMBER SPECIFICATIONS
PART NUMBER
TOLERANCES
INPUT RESTRICTIONS
DIP-14
3D7110
3D7110G
SOIC-14
3D7110D
SOIC-16
3D7110S
TOTAL
DELAY
(ns)
TAP-TAP
DELAY
(ns)
Max
Operating
Frequency
Absolute
Max
Oper. Freq.
Min
Operating
Pulse Width
Absolute
Min
Oper. P.W.
-.75
-.75
-.75
6.75
± 1.0*
0.75
± 0.4
28.4 MHz
166.7 MHz
17.6 ns
3.00 ns
-1
-1
-1
9.0
± 1.0*
1.0
± 0.5
23.8 MHz
166.7 MHz
21.0 ns
3.00 ns
-1.5
-1.5
-1.5
13.5
± 1.0*
1.5
± 0.7
18.0 MHz
166.7 MHz
27.8 ns
3.00 ns
-2
-2
-2
18.0
± 1.0*
2.0
± 0.8
14.5 MHz
166.7 MHz
34.5 ns
3.00 ns
-2.5
-2.5
-2.5
22.5
± 1.1*
2.5
± 1.0
18.2 MHz
125.0 MHz
27.5 ns
4.00 ns
-4
-4
-4
36.0
± 1.8*
4.0
± 1.3
8.33 MHz
133.3 MHz
60.0 ns
6.00 ns
-5
-5
-5
50.0
± 2.5
5.0
± 1.5
6.67 MHz
66.7 MHz
75.0 ns
7.50 ns
-8
-8
-8
80.0
± 4.0
8.0
± 1.5
4.17 MHz
41.7 MHz
120.0 ns
12.0 ns
* Total delay referenced to Tap1 output; Input-to-Tap1 = 5.0ns
± 1.0ns
NOTE:
Any dash number between .75 and 8 not shown is also available.
1996 Data Delay Devices
Doc #96005
DATA DELAY DEVICES, INC.
2
12/2/96
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com


Similar Part No. - 3D7110G-8

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7105 DATADELAY-3D7105 Datasheet
42Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7105)
3D7105-.75 DATADELAY-3D7105-.75 Datasheet
42Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7105)
3D7105-1 DATADELAY-3D7105-1 Datasheet
42Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7105)
3D7105-1.5 DATADELAY-3D7105-1.5 Datasheet
42Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7105)
3D7105-2 DATADELAY-3D7105-2 Datasheet
42Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7105)
More results

Similar Description - 3D7110G-8

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE
3D7220 DATADELAY-3D7220 Datasheet
232Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7220)
3D7010 DATADELAY-3D7010 Datasheet
253Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7010)
3D3220 DATADELAY-3D3220 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D3220)
3D3225 DATADELAY-3D3225_06 Datasheet
240Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
3D7205 DATADELAY-3D7205 Datasheet
256Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
3D3225 DATADELAY-3D3225 Datasheet
241Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D3225)
3D7225 DATADELAY-3D7225 Datasheet
240Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7225)
3D7105 DATADELAY-3D7105 Datasheet
42Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7105)
logo
List of Unclassifed Man...
3D3215 ETC1-3D3215 Datasheet
43Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com