Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCVF2509A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2509A
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCVF2509A Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCVF2509A Datasheet HTML 4Page - Texas Instruments CDCVF2509A Datasheet HTML 5Page - Texas Instruments CDCVF2509A Datasheet HTML 6Page - Texas Instruments CDCVF2509A Datasheet HTML 7Page - Texas Instruments CDCVF2509A Datasheet HTML 8Page - Texas Instruments CDCVF2509A Datasheet HTML 9Page - Texas Instruments CDCVF2509A Datasheet HTML 10Page - Texas Instruments CDCVF2509A Datasheet HTML 11Page - Texas Instruments CDCVF2509A Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.ti.com
120
100
80
0
60
40
20
fc − Clock Frequency at FBOUT − MHz
140
50
75
100
125
150
175
200
VCC = 3.3 V
C(LY) = 25 pF || 500 Ω
C(LF) = 12 pF || 500 Ω
TA = 25°C
See Notes C and D
Cycle to Cycle
25
15
10
5
0
20
0
25
50
75
100
125
150
175
AVCC = VCC = 3.6 V
Bias = 0/3 V
C(LY) = 25 pF || 500 Ω
C(LF) = 12 pF || 500 Ω
TA = 25°C
See Notes A and B
fc − Clock Frequency − MHz
200
250
150
100
50
0
200
fc − Clock Frequency − MHz
0
25
50
75
100
125
150
175
200
AVCC = VCC = 3.6 V
Bias = 0/3 V
C(LY) = 25 pF || 500 Ω
C(LF) = 12 pF || 500 Ω
TA = 25°C
See Notes A and B
CDCVF2509A
SCAS765A – APRIL 2004 – REVISED JULY 2004
TYPICAL CHARACTERISTICS (continued)
JITTER
ANALOG SUPPLY CURRENT
vs
vs
CLOCK FREQUENCY AT FBOUT
CLOCK FREQUENCY
Figure 7.
Figure 8.
SUPPLY CURRENT
vs
CLOCK FREQUENCY
Figure 9.
A.
Trace length FBOUT to FBIN = 5 mm, ZO = 50Ω
B.
C(LY) = Lumped capacitive load Y1-n
C.
C(LFx) = Lumped feedback capacitance at FBOUT = FBIN
D.
C(LFx) = Lumped feedback capacitance at FBOUT = FBIN.
9


Similar Part No. - CDCVF2509A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2509A TI1-CDCVF2509A Datasheet
537Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2509APW TI1-CDCVF2509APW Datasheet
537Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2509APWG4 TI1-CDCVF2509APWG4 Datasheet
537Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2509APWR TI1-CDCVF2509APWR Datasheet
537Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2509APWRG4 TI1-CDCVF2509APWRG4 Datasheet
537Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
More results

Similar Description - CDCVF2509A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2510APWR TI-CDCVF2510APWR Datasheet
551Kb / 17P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2510A TI1-CDCVF2510A_15 Datasheet
557Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2510A TI-CDCVF2510A Datasheet
166Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2509A TI1-CDCVF2509A_15 Datasheet
537Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com