Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4681 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4681
Description  10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and I2C/SPI Volume Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4681 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4681 Datasheet HTML 1Page - National Semiconductor (TI) LM4681 Datasheet HTML 2Page - National Semiconductor (TI) LM4681 Datasheet HTML 3Page - National Semiconductor (TI) LM4681 Datasheet HTML 4Page - National Semiconductor (TI) LM4681 Datasheet HTML 5Page - National Semiconductor (TI) LM4681 Datasheet HTML 6Page - National Semiconductor (TI) LM4681 Datasheet HTML 7Page - National Semiconductor (TI) LM4681 Datasheet HTML 8Page - National Semiconductor (TI) LM4681 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Connection Diagram
LLP Package
20118917
Top View
Order Number LM4681SQ
See NS Package Number SQA048AA
(LLP Package)
www.national.com
2


Similar Part No. - LM4681

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4680 NSC-LM4680 Datasheet
754Kb / 11P
   10W High-Efficiency Mono BTL Audio Power Amplifier
LM4680SD NSC-LM4680SD Datasheet
754Kb / 11P
   10W High-Efficiency Mono BTL Audio Power Amplifier
LM4682 NSC-LM4682 Datasheet
1Mb / 21P
   10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
LM4682SQ NSC-LM4682SQ Datasheet
1Mb / 21P
   10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
More results

Similar Description - LM4681

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4682 NSC-LM4682 Datasheet
1Mb / 21P
   10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
   2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6140A2 TI-TPA6140A2 Datasheet
785Kb / 27P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Shenzhenshi YONGFUKANG ...
AX8703 YONGFUKANG-AX8703 Datasheet
1Mb / 16P
   3W Filterless Class D Stereo Audio Power Amplifier with I2C Volume Control
logo
STMicroelectronics
TS4621E STMICROELECTRONICS-TS4621E Datasheet
1Mb / 32P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 1
TS4621B STMICROELECTRONICS-TS4621B Datasheet
2Mb / 48P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723 Datasheet
1Mb / 23P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Rev 1; 11/05
MAX9723 MAXIM-MAX9723_V01 Datasheet
1Mb / 26P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
19-3509; Rev 5; 2/20
logo
Elite Semiconductor Mem...
AD5266 ESMT-AD5266 Datasheet
82Kb / 2P
   16V STEREO CLASS-D AUDIO POWER AMPLIFIER with STEREO HEADPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com