Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY3LV512-10JI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY3LV512-10JI
Description  512K / 1 Mbit CPLD Boot EEPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3LV512-10JI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY3LV512-10JI Datasheet HTML 1Page - Cypress Semiconductor CY3LV512-10JI Datasheet HTML 2Page - Cypress Semiconductor CY3LV512-10JI Datasheet HTML 3Page - Cypress Semiconductor CY3LV512-10JI Datasheet HTML 4Page - Cypress Semiconductor CY3LV512-10JI Datasheet HTML 5Page - Cypress Semiconductor CY3LV512-10JI Datasheet HTML 6Page - Cypress Semiconductor CY3LV512-10JI Datasheet HTML 7Page - Cypress Semiconductor CY3LV512-10JI Datasheet HTML 8Page - Cypress Semiconductor CY3LV512-10JI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CY3LV512/010
PRELIMINARY
Document #: 38-03002 Rev. *A
Page 4 of 9
.
Table 1. Pin Configurations
20-pin
PLCC
Name
I/O
Description
2DATA
I/O
Three-state DATA output for configuration. Open-collector bidirectional pin for
programming.
4CLK
I
Clock input. Used to increment the internal address and bit counter for reading and program-
ming.
5WP1
I
WRITE PROTECT (1). Used to protect portions of memory during programming. Disabled
by default due to internal pull-down resistor. This input pin is not used during CPLD loading
operations.
6
RESET /
OE
I
RESET/Output Enable input (when SER_EN is HIGH). A LOW level on both the CE and
RESET/OE inputs enables the data output driver. A HIGH level on RESET/OE resets both the
address and bit counters. The logic polarity of this input is programmable as either RESET/OE
or RESET/OE. Delta39K/Quantum38K CPLDs require this pin to be programmed as
RESET/OE hence this document describes the pin as RESET/OE.
7WP2
I
WRITE PROTECT (2). Used to protect portions of memory during programming. Disabled
by default due to internal pull-down resistor. This input pin is not used during CPLD loading
operations.
8CE
I
Chip Enable input. Used for device selection. A LOW level on both CE and OE enables the
data output driver. A HIGH level on CE disables both the address and bit counters and forces
the device into a low-power standby mode. Note that this pin will not enable/disable the device
in the two-wire Serial Programming Mode (i.e., when SER_EN is LOW).
10
GND
Ground pin. A 0.1
µF decoupling capacitor between V
CC and GND is recommended
14
CEO
O
Chip Enable Output. This signal is asserted LOW on the clock cycle following the last bit read
from the memory. It will stay LOW as long as CE and OE are both LOW. It will then follow CE
until OE goes HIGH. Thereafter, CEO will stay HIGH until the entire EEPROM is read again.
A2
I
Device selection input, A2. This is used to enable (or select) the device during programming
(i.e., when SER_EN is LOW).
15
READY
O
Open collector reset state indicator. Driven LOW during power-up reset, released when
power-up is complete. (Recommend a 4.7 k
Ω pull-up on this pin if used).
17
SER_EN
I
Serial enable must be held High during CPLD loading operations. Bringing SER_EN LOW
enables the two-wire Serial Programming Mode.
20
VCC
+3.3V power supply pin.
Pin Configurations
4
5
6
7
8
18
17
16
15
14
CLK
WP1
RESET/OE
WP2
CE
NC
SER_EN
NC
READY
CEO (A2)


Similar Part No. - CY3LV512-10JI

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CY3-453-D++ MINI-CY3-453-D+ Datasheet
594Kb / 9P
   X3 Frequency Multiplier
REV. OR
CY3-64-D++ MINI-CY3-64-D+ Datasheet
560Kb / 9P
   X3 Frequency Multiplier
REV. OR
logo
List of Unclassifed Man...
CY30 ETC1-CY30 Datasheet
128Kb / 2P
   Sensor interface for an inductive engine wheel speed single rotation sensor
CY300 ETC1-CY300 Datasheet
1Mb / 107P
   Stepper System Controller
logo
Cypress Semiconductor
CY30700 CYPRESS-CY30700 Datasheet
98Kb / 4P
   Licorice Board
More results

Similar Description - CY3LV512-10JI

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST28SF040A SST-SST28SF040A Datasheet
323Kb / 24P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28SF040A SST-SST28SF040A_03 Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
logo
ATMEL Corporation
ATF1502ASV ATMEL-ATF1502ASV_06 Datasheet
377Kb / 25P
   Highperformance EEPROM CPLD
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024_10 Datasheet
561Kb / 34P
   1 Mbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95M01-DF STMICROELECTRONICS-M95M01-DF Datasheet
878Kb / 51P
   1-Mbit serial SPI bus EEPROM
February 2017 Rev 14
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024 Datasheet
591Kb / 30P
   1 Mbit SPI Bus Serial EEPROM
2007
logo
STMicroelectronics
M24M01-R STMICROELECTRONICS-M24M01-R Datasheet
287Kb / 30P
   1 Mbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com