Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6526SPNOPB Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6526SPNOPB
Description  Four-hannel Laser Diode Driver with Dual Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6526SPNOPB Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6526SPNOPB Datasheet HTML 1Page - National Semiconductor (TI) LMH6526SPNOPB Datasheet HTML 2Page - National Semiconductor (TI) LMH6526SPNOPB Datasheet HTML 3Page - National Semiconductor (TI) LMH6526SPNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMH6526SPNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMH6526SPNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6526SPNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6526SPNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6526SPNOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance
Human Body Model (Note 2)
2 KV
Machine Model (Note 3)
200V
Supply Voltages V
+ –V
5.5V
Differential Input Voltage
±5.5V
Output Short Circuit to Ground
(Note 4)
Continuous
Input Common Mode Voltage
V
to V+
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 5)
+150˚C
Operating Ratings (Note 1)
Supply Voltage (V
+ –V)
4.5V
≤ V
S
≤ 5.5V
Operating Temperature Range (T
A)
(Note 8)
−40˚C
≤ T
A
≤ 85˚C
Package Thermal Resistance
(Note 5), (Note 8)
LLP Package
(
θ
JC)
3˚C/W
(
θ
JA) (no heatsink)
42˚C/W
(
θ
JA) (no heatsink see (Note 10))
30.8˚C/W
I
INR/3/4
1.5 mA (Max)
I
IN2
1.0 mA (Max)
R
FREQ
1000
Ω (Min)
R
AMP
1000
Ω (Min)
F
OSC
100-600 MHz
A
OSC
10-100 mA
PP
+5V DC Electrical Characteristics (Note 8)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, RL =10
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 6)
Max
(Note 7)
Units
LVDS
V
I
Input Voltage Range
|V
GPD| < 50 mV
(Note 9),
0
1.7
2.4
V
V
IDTH
Input Diff. Threshold
|V
GPD| < 50 mV
(Note 9),
–100
0
100
mV
V
HYST
Input Diff. Hysteresis
V
IDTHH –VIDTHL
25
0
mV
R
IN
Input Diff. Impedance
95
115
135
I
IN
Input Current
Excluding R
IN Current
V
CM = 1.25V
820
µA
Current Channels
R
IN
Input Resistance all Channels
R
IN to Ground
475
580
675
I
OS2
Current Offset Channel 2
Channel R,3,4 Off
I
IN = 0, EN = High
2.1
16
mA
I
OS,R,3,4
Current Offset Channel R,3,4
All Channels Off
I
IN = 0, EN = High
1.2
9
mA
A
IW
Current Gain
Channel 2
345
386
430
A/A
A
IR
Current Gain
Channel Read
135
159
180
A/A
A
I,3,4
Current Gain
Channel 3 and 4
160
182
200
A/A
I
LIN-R,2,3,4
Output Current Linearity
200 µA < I
IN < 1000 µA; RLOAD =
5
Ω Channels Read, 2,3 and 4
1.7
3
%
IOUT
W
Output Current
Channel 2 @ 1 mA input current
285
300
mA
IOUT
R
Output Current
Channel Read
@ 1 mA input current
140
162
mA
IOUT
3,4
Output Current
Channel 3 and 4
@ 1 mA input current
160
183
mA
IOUT
TOTAL
Total Output Current
All Channels (Note 12)
600
mA
V
TLO
TTL Low Voltage
Input (H to L)
ENR
ENOSC (LMH6526)
1.29
0.8
V
V
TLO
TTL Low Voltage
Input (H to L)
B-Select (LMH6525)
A-Select (LMH6526)
1.40
0.8
V
V
ELO
Enable Low Voltage
Enable Input (H to L)
1.98
0.8
V
www.national.com
2


Similar Part No. - LMH6526SPNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6526SP/NOPB TI1-LMH6526SP/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LMH6525/LMH6526 Four?밅hannel Laser Diode Driver with Dual Output
More results

Similar Description - LMH6526SPNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6525 TI1-LMH6525 Datasheet
1Mb / 25P
[Old version datasheet]   LMH6525/LMH6526 Four?밅hannel Laser Diode Driver with Dual Output
logo
National Semiconductor ...
LMH6533 NSC-LMH6533 Datasheet
262Kb / 11P
   Four - Channel Laser Diode Driver with Dual Output, LVDS Interface and HFM Oscillator
logo
Micrel Semiconductor
SY100EL1003 MICREL-SY100EL1003_06 Datasheet
78Kb / 7P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88822V MICREL-SY88822V Datasheet
63Kb / 5P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
SY100EL1003 MICREL-SY100EL1003 Datasheet
92Kb / 6P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
logo
Analog Devices
AD9665ACPZ-REEL7 AD-AD9665ACPZ-REEL7 Datasheet
447Kb / 17P
   4-Channel, LVDS, Dual-Output, Laser Diode Driver with Oscillator
Rev. E
AD9664 AD-AD9664 Datasheet
89Kb / 2P
   4-Channel LVDS Dual-Output Laser Diode Driver with Oscillator
Rev. SpA
logo
Micrel Semiconductor
SY88702 MICREL-SY88702 Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802 MICREL-SY88802 Datasheet
77Kb / 5P
   5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
logo
IC-Haus GmbH
IC-HT ICHAUS-IC-HT Datasheet
972Kb / 42P
   DUAL CW LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com