Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GN01096B Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # GN01096B
Description  GaAs IC(with built-in ferroelectric)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

GN01096B Datasheet(HTML) 2 Page - Panasonic Semiconductor

  GN01096B Datasheet HTML 1Page - Panasonic Semiconductor GN01096B Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GN01096B
GaAs MMIC
2
s Measurement Circuit
RFOUT
100 pF
22 nH
27 nH
33 pF
RFIN
VAGC
5.1 k
1000 pF
100 pF


Similar Part No. - GN01096B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
GN01094B PANASONIC-GN01094B Datasheet
30Kb / 2P
   GaAs IC (with built-in ferroelectric)
More results

Similar Description - GN01096B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
GN01100B PANASONIC-GN01100B Datasheet
30Kb / 2P
   GaAs IC (with built-in ferroelectric)
GN01094B PANASONIC-GN01094B Datasheet
30Kb / 2P
   GaAs IC (with built-in ferroelectric)
GN01081B PANASONIC-GN01081B Datasheet
56Kb / 2P
   GaAs IC with built-in ferroelectric
GN02035B PANASONIC-GN02035B Datasheet
22Kb / 1P
   GaAs IC(with built-in ferroelectric)
logo
Nippon Precision Circui...
SM1126 NPC-SM1126 Datasheet
125Kb / 18P
   Melody IC with Built-in SRAM
5075 NPC-5075 Datasheet
308Kb / 14P
   VCXO Module IC with Built-in Varicap
5076 NPC-5076 Datasheet
284Kb / 13P
   VCXO Module IC with Built-in Varicap
logo
SunLED Corporation
XBMR53D SUNLED-XBMR53D Datasheet
216Kb / 3P
   5mm package with built-in blinking IC
XBUY53D SUNLED-XBUY53D Datasheet
207Kb / 3P
   5mm package with built-in blinking IC
logo
Nippon Precision Circui...
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
   VCXO Module IC with Built-in Varicap
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com