Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1463 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1463
Description  Low-Power Two-Channel Sensor Signal Processor
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1463 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1463 Datasheet HTML 1Page - Maxim Integrated Products MAX1463 Datasheet HTML 2Page - Maxim Integrated Products MAX1463 Datasheet HTML 3Page - Maxim Integrated Products MAX1463 Datasheet HTML 4Page - Maxim Integrated Products MAX1463 Datasheet HTML 5Page - Maxim Integrated Products MAX1463 Datasheet HTML 6Page - Maxim Integrated Products MAX1463 Datasheet HTML 7Page - Maxim Integrated Products MAX1463 Datasheet HTML 8Page - Maxim Integrated Products MAX1463 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
General Description
The MAX1463 is a highly integrated, low-power, two-
channel sensor signal processor optimized for industri-
al and process control applications such as pressure
sensing and compensation, RTD and thermal-couple
linearization, weight sensing and classification, and
remote process monitoring with limit indication.
The MAX1463 accommodates sensors with outputs
ranging from 1mV/V to 1V/V and supports both pro-
grammable current and voltage sensor excitation. The
MAX1463 provides amplification, calibration, signal lin-
earization, and temperature compensation that enable
an overall performance approaching the inherent
repeatability of the sensor without requiring any exter-
nal trim components.
Two 16-bit voltage output DACs and two 12-bit PWMs
can be used to indicate each of the temperature-com-
pensated sensor signals independently, as a sum or
difference signal, or user-defined relationship between
each signal and temperature. Uncommitted op amps
are available for buffering the DAC outputs, driving
heavier external loads, or providing additional gain and
filtering.
The MAX1463 incorporates a 16-bit CPU, user-pro-
grammable 4kB of FLASH program memory, 128 bytes
of FLASH user information, one 16-bit ADC, two 16-bit
DACs, two 12-bit PWM digital outputs, four Rail-to-Rail®
op amps, one SPI™-compatible interface, two GPIOs,
and one on-chip temperature sensor.
The MAX1463 operates from a single 5.0V supply and
is packaged for automotive, industrial, and commercial
temperature ranges in a 28-pin SSOP package.
Applications
Pressure Sensor Signal Conditioning
Weight Measurement Systems
Thermocouple and RTD Linearization
Transducers and Transmitters
Process Indicators
Calibrators and Controllers
GMR and MR Magnetic Direction Sensors
Features
o Programmable Amplification, Calibration,
Linearization, and Temperature Compensation
o Two Differential or Four Single-Ended Sensor
Input Channels
o Accommodates Sensor Output Sensitivities from
1mV/V to 1V/V
o Two DAC/PWM Output Signal Channels
o 4–20mA Output Capability
o 4kB of FLASH Memory for Code and Coefficients
o 128 Bytes of FLASH Memory for User Information
o Integrated Temperature Sensor
o Flexible Dual Op-Amp Blocks
o Programmable Sensor Input Gain and Offset
o Programmable Sensor Sampling Rate and
Resolution
o Programmable Current Excitation Source for
Bridge Sensors
o Buffered 1.25V Output Reference
o No External Trim Components Required
Low-Power Two-Channel Sensor
Signal Processor
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2549; Rev 0; 8/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*Dice are tested at TA = +25°C, DC parameters only.
Functional Diagram and Detailed Block Diagram appear at
end of data sheet.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
SPI is a trademark of Motorola, Inc.
PART
TEMP RANGE
PIN-PACKAGE
MAX1463CAI
0°C to +70°C
28 SSOP
MAX1463C/W*
0°C to +70°C
Die
MAX1463EAI
-40°C to +85°C
28 SSOP
MAX1463AAI
-40°C to +125°C
28 SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
OUT2SM
AMP2M
AMP2P
OUT2LG
ISRC
INP1
VDDF
INM1
INP2
INM2
VREF
VSS
GPIO2
GPIO1
VSS
SCLK
DI
DO
CS
CKIO
CKSEL
N.C.
VDD
VBG
OUT1LG
AMP1P
AMP1M
OUT1SM
SSOP
TOP VIEW
MAX1463
Pin Configuration


Similar Part No. - MAX1463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14630 MAXIM-MAX14630 Datasheet
1Mb / 8P
   USB Charger Adapter Emulators
Rev 1; 3/13
MAX14630EVKIT MAXIM-MAX14630EVKIT Datasheet
1Mb / 7P
   Proven PCB Layou
2013
MAX14630EZK+T MAXIM-MAX14630EZK+T Datasheet
1Mb / 8P
   USB Charger Adapter Emulators
Rev 1; 3/13
MAX14632EZK+T MAXIM-MAX14632EZK+T Datasheet
1Mb / 8P
   USB Charger Adapter Emulators
Rev 1; 3/13
MAX14634 MAXIM-MAX14634 Datasheet
1Mb / 8P
   Ultra-Low On-Resistance and Compact Bidirectional Battery Switch
Rev 0; 6/12
More results

Similar Description - MAX1463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464 Datasheet
527Kb / 47P
   Low-Power, Low-Noise Multichannel Sensor Signal Processor
Rev 0; 2/05
MAX1464 MAXIM-MAX1464_V01 Datasheet
1Mb / 47P
   Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
logo
ELMOS Semiconductor AG
E931.08 ELMOS-E931.08 Datasheet
700Kb / 9P
   SINGLE CHANNEL SENSOR SIGNAL PROCESSOR
logo
Texas Instruments
VSP2254 TI-VSP2254 Datasheet
124Kb / 14P
[Old version datasheet]   36-MHz SAMPLE TWO CHANNEL CCD SIGNAL PROCESSOR
logo
Shenzhen Titan Micro El...
TM2291 TITAN-TM2291 Datasheet
254Kb / 7P
   Infrared Sensor Signal Processor
TM2292 TITAN-TM2292 Datasheet
429Kb / 9P
   Infrared Sensor Signal Processor
logo
Jingjing Microelectroni...
EG0001 EGMICRO-EG0001 Datasheet
993Kb / 10P
   Thermal ElectrodynamIc Infrared Sensor Signal Processor
logo
Exar Corporation
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
   3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
logo
Zentrum Mikroelektronik...
ZMD31012 ZMD-ZMD31012 Datasheet
717Kb / 2P
   Two low-cost sensor signal conditioners ZMD31010 chips in one package
logo
ELMOS Semiconductor AG
E910.62 ELMOS-E910.62 Datasheet
650Kb / 7P
   DUAL CHANNEL PIR SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com