Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTE67C-T2V1-35 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LTE67C-T2V1-35
Description  Power TOPLED짰 Enhanced optical Power LED (ATON짰)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTE67C-T2V1-35 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LTE67C-T2V1-35 Datasheet HTML 7Page - OSRAM GmbH LTE67C-T2V1-35 Datasheet HTML 8Page - OSRAM GmbH LTE67C-T2V1-35 Datasheet HTML 9Page - OSRAM GmbH LTE67C-T2V1-35 Datasheet HTML 10Page - OSRAM GmbH LTE67C-T2V1-35 Datasheet HTML 11Page - OSRAM GmbH LTE67C-T2V1-35 Datasheet HTML 12Page - OSRAM GmbH LTE67C-T2V1-35 Datasheet HTML 13Page - OSRAM GmbH LTE67C-T2V1-35 Datasheet HTML 14Page - OSRAM GmbH LTE67C-T2V1-35 Datasheet HTML 15Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
LB E67C, LV E67C, LT E67C
2002-07-17
11
Lötbedingungen
Vorbehandlung nach JEDEC Level 2
Soldering Conditions Preconditioning acc. to JEDEC Level 2
IR-Reflow Lötprofil
(nach IPC 9501)
IR Reflow Soldering Profile
(acc. to IPC 9501)
OHLY0597
0
0
50
100
150
200
250
50
100
150
200
250
300
T
t
˚C
s
240-245 ˚C
10-40 s
183 ˚C
120 to 180 s
Defined for Preconditioning: up to 6 K/s
Ramp-down rate up to 6 K/s
Ramp-up rate up to 6 K/s
Defined for Preconditioning: 2-3 K/s


Similar Part No. - LTE67C-T2V1-35

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTE67C-T1V2-35-1 OSRAM-LTE67C-T1V2-35-1 Datasheet
607Kb / 21P
   Power TOPLED
More results

Similar Description - LTE67C-T2V1-35

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBE63C-T2V2-35-Z OSRAM-LBE63C-T2V2-35-Z Datasheet
578Kb / 18P
   Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
LATBT66B OSRAM-LATBT66B Datasheet
187Kb / 18P
   Enhanced optical Power LED (HOP2000 / ATON짰)
LWT67C OSRAM-LWT67C Datasheet
525Kb / 16P
   Hyper TOPLED짰 Enhanced optical Power LED
LRTBGFUG OSRAM-LRTBGFUG Datasheet
626Kb / 28P
   Enhanced optical Power LED
LWP4SG OSRAM-LWP4SG Datasheet
642Kb / 18P
   Enhanced optical Power LED
LTRBGFSF OSRAM-LTRBGFSF Datasheet
1Mb / 32P
   Enhanced optical Power LED
LAYT67B OSRAM-LAYT67B Datasheet
353Kb / 15P
   Enhanced optical Power LED
LAM67B OSRAM-LAM67B Datasheet
448Kb / 15P
   Enhanced optical Power LED
LYYYG6SF OSRAM-LYYYG6SF Datasheet
437Kb / 17P
   Enhanced optical Power LED
LAP47B OSRAM-LAP47B Datasheet
440Kb / 16P
   Enhanced optical Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com