Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1463W Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1463W
Description  Low-Power Two-Channel Sensor Signal Processor
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1463W Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1463W Datasheet HTML 1Page - Maxim Integrated Products MAX1463W Datasheet HTML 2Page - Maxim Integrated Products MAX1463W Datasheet HTML 3Page - Maxim Integrated Products MAX1463W Datasheet HTML 4Page - Maxim Integrated Products MAX1463W Datasheet HTML 5Page - Maxim Integrated Products MAX1463W Datasheet HTML 6Page - Maxim Integrated Products MAX1463W Datasheet HTML 7Page - Maxim Integrated Products MAX1463W Datasheet HTML 8Page - Maxim Integrated Products MAX1463W Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
Low-Power Two-Channel Sensor
Signal Processor
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PGA[4:0] = 00000, CLK[2:0] = 000
2
M
PGA[4:0] = 01010, CLK[2:0] = 000
50
PGA[4:0] = 11110, CLK[2:0] = 000
31.2
k
PGA[4:0] = 00000, CLK[2:0] = 011
16
M
PGA[4:0] = 01010, CLK[2:0] = 011
400
PGA[4:0] = 11110, CLK[2:0] = 011
250
k
PGA[4:0] = 00000, CLK[2:0] = 110
128
PGA[4:0] = 01010, CLK[2:0] = 110
3.2
Single-Sided Input Impedance
(INP1 to VSS, INM1 to VSS,
INP2 to VSS, INP2 to VSS)
RSIN
PGA[4:0] = 01000, CLK[2:0] = 110
2
M
Common-Mode Rejection Ratio
CMRR
Common-mode voltage VCM = VSS to VDD
90
dB
Differential Signal-Gain Range
Selectable in 17 steps (Note 5)
0.94–240
PGA[4:0] = 00000
0.90
0.94
1.0
PGA[4:0] = 00001
7.0
7.4
8.0
PGA[4:0] = 01010
68
73
78
PGA[4:0] = 10100
125
133
143
Differential Signal Gain
AVDIFF
PGA[4:0] = 11110
220
240
260
V/V
Gain-Error Temperature
Coefficient
GETCADC
PGA[4:0] = 00000
-8
ppm/
°C
COARSE-OFFSET DAC
Resolution
3-bit plus sign
4
Bits
PGA[4:0] =
00000 to 01000
130
135
140
PGA[4:0] =
01010 to 10000
256
266
276
COREF = VDD,
CO[3:0] = 0111
PGA[4:0] =
10100 to 11110
450
481
510
PGA[4:0] =
00000 to 01000
55
60
65
PGA[4:0] =
01010 to 10000
107
117
127
COREF = VDD,
CO[3:0] = 0011
PGA[4:0] =
10100 to 11110
180
210
240
PGA[4:0] =
00000 to 01000
05
10
PGA[4:0] =
01010 to 10000
39
15
Effective Offset Adjustment at the
ADC Input
OAADC
COREF = VDD,
CO[3:0] = 0000
PGA[4:0] =
10100 to 11110
-4
+8
+20
% of
ADC
Ref
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5.0V, VSS = 0V, fCLK = 4.0MHz, TA = TMIN to TMAX. Typical values are at TA = +25°C, unless otherwise noted.) (Note 1)


Similar Part No. - MAX1463W

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14630 MAXIM-MAX14630 Datasheet
1Mb / 8P
   USB Charger Adapter Emulators
Rev 1; 3/13
MAX14630EVKIT MAXIM-MAX14630EVKIT Datasheet
1Mb / 7P
   Proven PCB Layou
2013
MAX14630EZK+T MAXIM-MAX14630EZK+T Datasheet
1Mb / 8P
   USB Charger Adapter Emulators
Rev 1; 3/13
MAX14632EZK+T MAXIM-MAX14632EZK+T Datasheet
1Mb / 8P
   USB Charger Adapter Emulators
Rev 1; 3/13
MAX14634 MAXIM-MAX14634 Datasheet
1Mb / 8P
   Ultra-Low On-Resistance and Compact Bidirectional Battery Switch
Rev 0; 6/12
More results

Similar Description - MAX1463W

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464 Datasheet
527Kb / 47P
   Low-Power, Low-Noise Multichannel Sensor Signal Processor
Rev 0; 2/05
MAX1464 MAXIM-MAX1464_V01 Datasheet
1Mb / 47P
   Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
logo
ELMOS Semiconductor AG
E931.08 ELMOS-E931.08 Datasheet
700Kb / 9P
   SINGLE CHANNEL SENSOR SIGNAL PROCESSOR
logo
Texas Instruments
VSP2254 TI-VSP2254 Datasheet
124Kb / 14P
[Old version datasheet]   36-MHz SAMPLE TWO CHANNEL CCD SIGNAL PROCESSOR
logo
Shenzhen Titan Micro El...
TM2291 TITAN-TM2291 Datasheet
254Kb / 7P
   Infrared Sensor Signal Processor
TM2292 TITAN-TM2292 Datasheet
429Kb / 9P
   Infrared Sensor Signal Processor
logo
Jingjing Microelectroni...
EG0001 EGMICRO-EG0001 Datasheet
993Kb / 10P
   Thermal ElectrodynamIc Infrared Sensor Signal Processor
logo
Exar Corporation
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
   3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
logo
Zentrum Mikroelektronik...
ZMD31012 ZMD-ZMD31012 Datasheet
717Kb / 2P
   Two low-cost sensor signal conditioners ZMD31010 chips in one package
logo
ELMOS Semiconductor AG
E910.62 ELMOS-E910.62 Datasheet
650Kb / 7P
   DUAL CHANNEL PIR SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com