Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1463EAI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1463EAI
Description  Low-Power Two-Channel Sensor Signal Processor
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1463EAI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1463EAI Datasheet HTML 3Page - Maxim Integrated Products MAX1463EAI Datasheet HTML 4Page - Maxim Integrated Products MAX1463EAI Datasheet HTML 5Page - Maxim Integrated Products MAX1463EAI Datasheet HTML 6Page - Maxim Integrated Products MAX1463EAI Datasheet HTML 7Page - Maxim Integrated Products MAX1463EAI Datasheet HTML 8Page - Maxim Integrated Products MAX1463EAI Datasheet HTML 9Page - Maxim Integrated Products MAX1463EAI Datasheet HTML 10Page - Maxim Integrated Products MAX1463EAI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
Low-Power Two-Channel Sensor
Signal Processor
_______________________________________________________________________________________
7
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUT (GPIO1, GPIO2, SCLK, DI, CKSEL, CKIO,
CS)
Input High Threshold Voltage
VIH
0.8 x
VDD
V
Input Low Threshold Voltage
VIL
0.2 x
VDD
V
Input Hysteresis
VIHYS
0.2
V
CKSEL, CS = VSS
-50
Input Leakage Current
IIN
GPIO1, GPIO2, SCLK, DI, CKIO = VDD
50
µA
Input Capacitance
CIN
5pF
DIGITAL OUTPUT (GPIO1, GPIO2, DO, CKIO)
GPIO1, GPIO2, DO
4.9
RLOAD =
CKIO (Note 10)
4.9
GPIO1, GPIO2, DO
4.6
Output Voltage High
VOH
RLOAD = 2k
Ω to VSS
CKIO (Note 10)
4.6
V
GPIO1, GPIO2, DO
0.1
RLOAD =
CKIO (Note 10)
0.1
GPIO1, GPIO2, DO
0.4
Output Voltage Low
VOL
RLOAD = 2k
Ω to VDD
CKIO (Note 10)
0.4
V
FLASH MEMORY
Maximum Erase Cycles
(Notes 11, 12)
10K
Cycles
Minimum Erase Time
tERASE
(Notes 11, 12)
4.2
ms
Minimum Write Time
tWRITE
(Notes 11, 12)
80
µs
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5.0V, VSS = 0V, TA = TMIN to TMAX, fCLK = 4.0MHz. Typical values are at TA = +25°C, unless otherwise noted.) (Note 1)
Note 1:
Current into a pin is defined as positive. Current out of a pin is defined as negative. All voltages are referenced to VSS.
Note 2:
All modules are off, except internal reference, oscillator, VBG buffer, and power-on reset (POR). ISRC is open.
Note 3:
The CPU and ADC are not on at the same time. The ADC and CPU currents are not additive.
Note 4:
IDACn does not include output buffer currents (IOPLGn or IOPSMn).
Note 5:
For gains above 240, an additional digital gain can be provided by the CPU.
Note 6:
The PWM input data is the 12-bit left-justified data in the 16-bit input field.
Note 7:
PWM gain error measured as:
Note 8:
The Internal Reference Voltage has a nominal value of 5V (4
VBG) even when VDD is greater or less than 5VDC.
Note 9:
Input-referred offset error is the ADC Offset Error divided by the PGA gain.
Note 10: When the CKIO pin is configured in output mode to observe the internal oscillator signal, the total current is above the
specified limits.
Note 11: fCLK must be within 5% of 4MHz.
Note 12: Allow a minimum elapsed time of 4.2ms when executing a FLASH erase command, before sending any other command.
Allow a minimum elapsed time of 80µs between FLASH write commands.
GE
PWM
F
Xh
PWM
Xh
PWM
OUT
OUT
=
()
()
×
00
100
3584
100%


Similar Part No. - MAX1463EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14630 MAXIM-MAX14630 Datasheet
1Mb / 8P
   USB Charger Adapter Emulators
Rev 1; 3/13
MAX14630EVKIT MAXIM-MAX14630EVKIT Datasheet
1Mb / 7P
   Proven PCB Layou
2013
MAX14630EZK+T MAXIM-MAX14630EZK+T Datasheet
1Mb / 8P
   USB Charger Adapter Emulators
Rev 1; 3/13
MAX14632EZK+T MAXIM-MAX14632EZK+T Datasheet
1Mb / 8P
   USB Charger Adapter Emulators
Rev 1; 3/13
MAX14634 MAXIM-MAX14634 Datasheet
1Mb / 8P
   Ultra-Low On-Resistance and Compact Bidirectional Battery Switch
Rev 0; 6/12
More results

Similar Description - MAX1463EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464 Datasheet
527Kb / 47P
   Low-Power, Low-Noise Multichannel Sensor Signal Processor
Rev 0; 2/05
MAX1464 MAXIM-MAX1464_V01 Datasheet
1Mb / 47P
   Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
logo
ELMOS Semiconductor AG
E931.08 ELMOS-E931.08 Datasheet
700Kb / 9P
   SINGLE CHANNEL SENSOR SIGNAL PROCESSOR
logo
Texas Instruments
VSP2254 TI-VSP2254 Datasheet
124Kb / 14P
[Old version datasheet]   36-MHz SAMPLE TWO CHANNEL CCD SIGNAL PROCESSOR
logo
Shenzhen Titan Micro El...
TM2291 TITAN-TM2291 Datasheet
254Kb / 7P
   Infrared Sensor Signal Processor
TM2292 TITAN-TM2292 Datasheet
429Kb / 9P
   Infrared Sensor Signal Processor
logo
Jingjing Microelectroni...
EG0001 EGMICRO-EG0001 Datasheet
993Kb / 10P
   Thermal ElectrodynamIc Infrared Sensor Signal Processor
logo
Exar Corporation
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
   3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
logo
Zentrum Mikroelektronik...
ZMD31012 ZMD-ZMD31012 Datasheet
717Kb / 2P
   Two low-cost sensor signal conditioners ZMD31010 chips in one package
logo
ELMOS Semiconductor AG
E910.62 ELMOS-E910.62 Datasheet
650Kb / 7P
   DUAL CHANNEL PIR SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com