Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74LVX4051FT Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74LVX4051FT
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX4051FT Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74LVX4051FT Datasheet HTML 1Page - Toshiba Semiconductor TC74LVX4051FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX4051FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX4051FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX4051FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX4051FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX4051FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LVX4051FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LVX4051FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TC74LVX4051,4052,4053FT
2001-11-12
4
Absolute Maximum Ratings
Characteristics
Symbol
Rating
Unit
VCC
-0.5~7.0
Power supply voltage
VCC~VEE
-0.5~7.0
V
Control input voltage
VIN
-0.5~7.0
V
Switch I/O voltage
VI/O
VEE - 0.5~VCC + 0.5
V
Input diode current
IIK
-20
mA
I/O diode current
IIOK
±20
mA
Switch through current
IT
±25
mA
DC VCC or ground current
ICC
±50
mA
Power dissipation
PD
180
mW
Storage temperature
Tstg
-65~150
°C
Recommended Operating Conditions
Characteristics
Symbol
Rating
Unit
VCC
2~6
VEE
-4~0
Power supply voltage
VCC~VEE
2~6
V
Input voltage
VIN
0~6.0
V
Switch I/O voltage
VI/O
VEE~VCC
V
Operating temperature
Topr
-40~85
°C
0~100 (VCC = 3.3 ± 0.3 V)
Input rise and fall time
dt/dv
0~20 (VCC = 5 ± 0.5 V)
ns/V


Similar Part No. - TC74LVX4051FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4051FT TOSHIBA-TC74LVX4051FT Datasheet
261Kb / 12P
   Multiplexer/Demultiplexer
TC74LVX4051FT TOSHIBA-TC74LVX4051FT_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
More results

Similar Description - TC74LVX4051FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com