Part Name
         Description
XN01558

 Silicon NPN epitaxial planar type For low-frequency amplification ( 3 Page)


PANASONIC
100% 
Zoom Out Zoom In
   
 3 page
background image
Request for your special attention and precautions in using the technical information
and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of
the products or technical information described in this material and controlled under the "Foreign Exchange
and Foreign Trade Law" is to be exported or taken out of Japan.
(2) The technical information described in this material is limited to showing representative characteristics and
applied circuits examples of the products. It neither warrants non-infringement of intellectual property right
or any other rights owned by our company or a third party, nor grants any license.
(3) We are not liable for the infringement of rights owned by a third party arising out of the use of the technical
information as described in this material.
(4) The products described in this material are intended to be used for standard applications or general elec-
tronic equipment (such as office equipment, communications equipment, measuring instruments and house-
hold appliances).
Consult our sales staff in advance for information on the following applications:
• Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combus-
tion equipment, life support systems and safety devices) in which exceptional quality and reliability are
required, or if the failure or malfunction of the products may directly jeopardize life or harm the human
body.
• Any applications other than the standard applications intended.
(5) The products and product specifications described in this material are subject to change without notice for
modification and/or improvement. At the final stage of your design, purchasing, or use of the products,
therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifica-
tions satisfy your requirements.
(6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rat-
ing, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not
be liable for any defect which may arise later in your equipment.
Even when the products are used within the guaranteed values, take into the consideration of incidence of
break down and failure mode, possible to occur to semiconductor products. Measures on the systems such
as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent
physical injury, fire, social damages, for example, by using the products.
(7) When using products for which damp-proof packing is required, observe the conditions (including shelf life
and amount of time let standing of unsealed items) agreed upon when specification sheets are individually
exchanged.
(8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written
permission of Matsushita Electric Industrial Co., Ltd.
2003 SEP
1  2  3 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SD2621Silicon NPN epitaxial planar type For low-frequency driver amplification 1 2 3 Panasonic Semiconductor
2SD2051Silicon NPN epitaxial planar type Darlington For low-frequency amplification 1 2 Panasonic Semiconductor
2SD1011Silicon NPN epitaxial planer type For low-frequency amplification 1 2 Panasonic Semiconductor
2SA886Silicon PNP epitaxial planar type For low-frequency power amplification Complementary 1 2 3 4 5 Panasonic Semiconductor
2SC2497Silicon NPN epitaxial planar type For low-frequency power amplification 1 2 3 4 Panasonic Semiconductor
2SA2164Silicon PNP epitaxial planar type For high-frequency amplification 1 2 3 Panasonic Semiconductor
2SC5954Silicon NPN triple diffusion planar type For power amplification with high forward current transfer ratio 1 2 Panasonic Semiconductor
XP0121MSilicon NPN epitaxial planar type For switching/digital circuits 1 2 3 Panasonic Semiconductor
XP06435Silicon PNP epitaxial planar type For high-frequency amplification 1 2 3 Panasonic Semiconductor
XN01212Silicon NPN epitaxial planar type For switching/digital circuits 1 2 3 Panasonic Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl