Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMS128K8V-35CLMA Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # WMS128K8V-35CLMA
Description  128Kx8 3.3V MONOLITHIC SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WMS128K8V-35CLMA Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  WMS128K8V-35CLMA Datasheet HTML 1Page - List of Unclassifed Manufacturers WMS128K8V-35CLMA Datasheet HTML 2Page - List of Unclassifed Manufacturers WMS128K8V-35CLMA Datasheet HTML 3Page - List of Unclassifed Manufacturers WMS128K8V-35CLMA Datasheet HTML 4Page - List of Unclassifed Manufacturers WMS128K8V-35CLMA Datasheet HTML 5Page - List of Unclassifed Manufacturers WMS128K8V-35CLMA Datasheet HTML 6Page - List of Unclassifed Manufacturers WMS128K8V-35CLMA Datasheet HTML 7Page - List of Unclassifed Manufacturers WMS128K8V-35CLMA Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
8
White Electronic Designs Corporation • Phoenix, AZ • (602) 437-1520
WMS128K8V-XXX
LEAD FINISH:
Blank = Gold plated leads
A = Solder dip leads
DEVICE GRADE:
M = Military Screened
-55
°C to +125°C
I = Industrial
-40
°C to +85°C
C = Commercial
0
°C to +70°C
PACKAGE:
C = 32 Pin Ceramic .600" DIP (Package 300)
CL = 32 Pin Rectangular Ceramic Leadless Chip Carrier (Package 601)
DR = 32 Lead Ceramic SOJ (Package 101) Revolutionary
FR = 32 Lead Ceramic Flat Pack (Package 220**) Revolutionary
ACCESS TIME (ns)
IMPROVEMENT MARK:
Low Voltage Supply 3.3V
± 10%
ORGANIZATION, 128K x 8
SRAM
MONOLITHIC
WHITE ELECTRONIC DESIGNS CORP.
ORDERING INFORMATION
W M S 128K8 V - XXX X X X
** Package under developement.


Similar Part No. - WMS128K8V-35CLMA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS128K8-100CC WEDC-WMS128K8-100CC Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
WMS128K8-100CCA WEDC-WMS128K8-100CCA Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
WMS128K8-100CI WEDC-WMS128K8-100CI Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
WMS128K8-100CIA WEDC-WMS128K8-100CIA Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
WMS128K8-100CM WEDC-WMS128K8-100CM Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
More results

Similar Description - WMS128K8V-35CLMA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
logo
Alliance Semiconductor ...
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
logo
Eorex Corporation
EM6128K800V EOREX-EM6128K800V Datasheet
372Kb / 14P
   128Kx8 LP SRAM
logo
Texas Instruments
BQ4013 TI-BQ4013 Datasheet
473Kb / 14P
[Old version datasheet]   128Kx8 Nonvolatile SRAM
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com