Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38B51M7XXXFS Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M38B51M7XXXFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B51M7XXXFS Datasheet(HTML) 5 Page - Renesas Technology Corp

  M38B51M7XXXFS Datasheet HTML 1Page - Renesas Technology Corp M38B51M7XXXFS Datasheet HTML 2Page - Renesas Technology Corp M38B51M7XXXFS Datasheet HTML 3Page - Renesas Technology Corp M38B51M7XXXFS Datasheet HTML 4Page - Renesas Technology Corp M38B51M7XXXFS Datasheet HTML 5Page - Renesas Technology Corp M38B51M7XXXFS Datasheet HTML 6Page - Renesas Technology Corp M38B51M7XXXFS Datasheet HTML 7Page - Renesas Technology Corp M38B51M7XXXFS Datasheet HTML 8Page - Renesas Technology Corp M38B51M7XXXFS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
4
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Table 2 Pin Description (2)
Function except a port function
Pin
Name
Function
P50/SIN1,
I/O port P5
• 8-bit CMOS I/O port with the same function as port P0.
• Serial I/O1 function pins
P51/SOUT1,
• CMOS compatible input level.
P52/SCLK11,
• CMOS 3-state output structure.
P53/SCLK12
P54/RXD,
• Serial I/O2 function pins
P55/TXD,
P56/SCLK21,
________
P57/SRDY2/
SCLK22
P60/CNTR1 I/O port P6
• 1-bit I/O port with the same function as port P0.
• Timer input pin
• CMOS compatible input level.
• N-channel open-drain output structure.
P61/CNTR0/
• 5-bit CMOS I/O port with the same function as port P0.
• Timer I/O pin
CNTR2
• CMOS compatible input level.
________
P62/SRDY1/
• CMOS 3-state output structure.
• Serial I/O1 function pin
AN8
• A-D conversion input pin
P63/AN9
• A-D conversion input pin
P64/INT4/
• Serial I/O1 function pin
SBUSY1/AN10,
• A-D conversion input pin
P65/SSTB1/
• Interrupt input pin (P64)
AN11
P70/AN0
I/O port P7
• 8-bit CMOS I/O port with the same function as port P0.
• A-D conversion input pin
P77/AN7
• CMOS compatible input level.
• CMOS 3-state output structure.
P80/FLD32– I/O port P8
• 4-bit I/O port with the same function as port P0.
• FLD automatic display pins
P83/FLD35
• Low-voltage input level.
• High-breakdown-voltage P-channel open-drain output structure.
P84/FLD36
• 4-bit CMOS I/O port with the same function as port P0.
P85/RTP0/
• Low-voltage input level.
• FLD automatic display pins
FLD37,
P86/RTP1/
FLD38
P87/PWM0/
• FLD automatic display pins
FLD39
• 14-bit PWM output
P90/XCIN,
I/O port P9
• 2-bit CMOS I/O port with the same function as port P0.
I/O pins for sub-clock generating
P91/XCOUT
• CMOS compatible input level.
circuit (connect a ceramic resona-
• CMOS 3-state output structure.
tor or a quarts-crystal oscillator)


Similar Part No. - M38B51M7XXXFS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M38B53M4-059FP MITSUBISHI-M38B53M4-059FP Datasheet
1,011Kb / 69P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
M38B53M4-059FP MITSUBISHI-M38B53M4-059FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38B53M4-060FP MITSUBISHI-M38B53M4-060FP Datasheet
1,011Kb / 69P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
M38B53M4-060FP MITSUBISHI-M38B53M4-060FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38B57 MITSUBISHI-M38B57 Datasheet
1,011Kb / 69P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
More results

Similar Description - M38B51M7XXXFS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com