Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC612N Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC612N
Description  CMOS Low Power Consumption
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC612N Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC612N Datasheet HTML 5Page - Torex Semiconductor XC612N Datasheet HTML 6Page - Torex Semiconductor XC612N Datasheet HTML 7Page - Torex Semiconductor XC612N Datasheet HTML 8Page - Torex Semiconductor XC612N Datasheet HTML 9Page - Torex Semiconductor XC612N Datasheet HTML 10Page - Torex Semiconductor XC612N Datasheet HTML 11Page - Torex Semiconductor XC612N Datasheet HTML 12Page - Torex Semiconductor XC612N Datasheet HTML 13Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
■Typical Performance Characteristics
3.4
3.5
3.6
3.7
3.8
3.9
-40
-20
0
20
40
60
80
3.0
3.1
3.2
3.3
3.4
3.5
-40
-20
0
20
40
60
80
0
1.0
2.0
3.0
4.0
5.0
6.0
02
4
6
8
10
25℃
Ta=80℃
-30℃
0
1.0
2.0
3.0
4.0
5.0
6.0
024
6
8
10
25℃
Ta=80℃
-30℃
Note : Unless otherwise stated, pull up resistance = 100k
Ω with N-ch open drain output types.
(1) SUPPLY CURRENT vs. INPUT VOLTAGE
(2) DETECT & RELEASE VOLTAGE vs. AMBIENT TEMPERATURE
XC612N3632
XC612N3632
XC612N3632
XC612N3632
Input Voltage: VIN2 (V)
Input Voltage: VIN1 (V)
VDR
VDF
Ambient Temp.: Topr (:)
Ambient Temp.: Topr (:)
VDR
VDF
(VIN1=10V)
(VIN1=VIN2)
(VDF1=3.6V)
(VDF2=3.2V)
0
1
2
3
4
5
01
2345
Topr = 80℃
25℃
-30℃
0
1
2
3
4
5
01
2345
Topr = 80℃
25℃
-30℃
XC612N3632 
XC612N3632
(3) OUTPUT VOLTAGE vs. INPUT VOLTAGE
(VDF1=3.6V)
(VDF2=3.2V)
Input Voltage: VIN2 (V)
Input Voltage: VIN1 (V)
XC612
Series
179
2
02S_05XC612 02.09.12 14:15 ページ 179


Similar Part No. - XC612N

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612N1515ML TOREX-XC612N1515ML Datasheet
711Kb / 14P
   2-Channel Voltage Detectors
XC612N1515MR TOREX-XC612N1515MR Datasheet
711Kb / 14P
   2-Channel Voltage Detectors
More results

Similar Description - XC612N

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com