Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5175-12BZD Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5175-12BZD
Description  VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5175-12BZD Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5175-12BZD Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5175-12BZD Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5175-12BZD Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5175-12BZD Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5175-12BZD Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
SERIES
VERY HIGH CURRENT,
LOW DROPOUT
VOLTAGE REGULATORS
Electrically Isolated Top Tab or Z Tab SIP
Extremely Low Dropout Voltage: 425mV @ 7.5 Amps
Available in 3.3V, 5.0V, 12.0V and Adjustable Versions
Open Collector Error Flag Output
TTL Level Enable Pin: Zero Current Shutdown Mode
Reverse Battery and Load Dump Protection
Low Ground Current: 120mA Typical at Full Load
1% Maximum Guaranteed Accuracy
Output Current to 7.5 Amps
MIL-PRF-38534 QUALIFIED
DESCRIPTION:
The MSK 5175 series voltage regulators are available in +3.3V, +5.0V, +12.0V or adjustable output configura-
tions. All boast ultra low dropout specifications due to the utilization of a super PNP output pass transistor with
monolithic technology. Dropout voltages of 425mV at 7.5 amps are typical in this configuration, which drives
efficiency up and power dissipation down. Accuracy is guaranteed with a 1% maximum output voltage tolerance.
The series also offers a TTL/CMOS compatible on/off enable function as well as an output flag pin. The MSK 5175
series is packaged in a space efficient 5 pin power SIP available in two styles with three lead bend options.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
High Efficiency, Ultra High Current Linear Regulators
Constant Voltage/Current Regulators
System Power Supplies
Switching Power Supply Post Regulators
Battery Powered Equipment
Enable
Vin
Ground
Vout
Adjust
1
2
3
4
5
MSK5175-00
Enable
Vin
Ground
Vout
Flag
1
2
3
4
5
MSK5175-3.3,-5.0,-12
Schematic shown for fixed output voltage versions
5175
ISO-9001 CERTIFIED BY DSCC
Rev. C 7/00


Similar Part No. - MSK5175-12BZD

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5175-3.3BTD ANAREN-MSK5175-3.3BTD Datasheet
792Kb / 7P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5175-3.3BTS ANAREN-MSK5175-3.3BTS Datasheet
792Kb / 7P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5175-3.3BTU ANAREN-MSK5175-3.3BTU Datasheet
792Kb / 7P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - MSK5175-12BZD

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5151 MSK-MSK5151 Datasheet
275Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5150-3.3BTU MSK-MSK5150-3.3BTU Datasheet
315Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5176-3.3HTU MSK-MSK5176-3.3HTU Datasheet
276Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5176 ANAREN-MSK5176 Datasheet
753Kb / 7P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5175 ANAREN-MSK5175 Datasheet
792Kb / 7P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5250 ANAREN-MSK5250 Datasheet
112Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5275 ANAREN-MSK5275 Datasheet
115Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5150 ANAREN-MSK5150 Datasheet
796Kb / 7P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5275-3.3H MSK-MSK5275-3.3H Datasheet
213Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5250-3.3H MSK-MSK5250-3.3H Datasheet
213Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com