Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC651A4AA3VR Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC651A4AA3VR
Description  CMOS Low Power Consumption
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC651A4AA3VR Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC651A4AA3VR Datasheet HTML 4Page - Torex Semiconductor XC651A4AA3VR Datasheet HTML 5Page - Torex Semiconductor XC651A4AA3VR Datasheet HTML 6Page - Torex Semiconductor XC651A4AA3VR Datasheet HTML 7Page - Torex Semiconductor XC651A4AA3VR Datasheet HTML 8Page - Torex Semiconductor XC651A4AA3VR Datasheet HTML 9Page - Torex Semiconductor XC651A4AA3VR Datasheet HTML 10Page - Torex Semiconductor XC651A4AA3VR Datasheet HTML 11Page - Torex Semiconductor XC651A4AA3VR Datasheet HTML 12Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
XC651A
Series
677
10
3. VD 1
VDF1=1.5V
Ta=25
OC
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CIRCUIT
Detect Voltage VD1
VDF1
1.470 1.500 1.530
V
5
Hysteresis Width VD1
VHYS1
(Release Voltage=V DF1 x (1 + V HYS1 / 100) )
2
-
8
%
5
Supply Current
ISS1V IN1=2.0V
-
1.5
3.0
µA
6
Operating Voltage
VIN1
0.7
-
6.0
V
-
Output Current VDET
1
IOUT1
N-ch VDS=0.5V, VIN1=0.9V
0.22
2.2
-
mA
7
4. VD 2
VDF2=0.95V
Ta=25
OC
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CIRCUIT
Detect Voltage VD2
VDF2
0.931 0.950 0.969
V
5
Hysteresis Width VD2
VHYS2
(Release Voltage=VDF2 x (1 + VHYS2/ 100) )
2
-
8
%
5
Supply Current
ISS2VIN2 =2.0V
-
1.5
3.0
µA
6
Operating Voltage
VIN2
0.7
-
6.0
V
-
Output Current V DET2
IOUT2
N-ch VDS=0.5V, VIN2=0.9V
0.18
1.8
-
mA
7
Delay Time V DET2
TDLY2
Release Voltage
Output Inversion
-
-
0.2
msec
8
50
100
msec
8
VDET1 H
L Delay Time
THL1
CD=3.3
µF, VIN1=VDF1 x 1.1
VDF1 x 0.9
20
1000
2000
msec
8
VDET1 L
H Delay Time
TLH1
CD=3.3
µF, VIN1=VDF1 x 0.9
VDF1 x 1.1
500
10S_02XC651A 02.09.12 15:38 ページ 677


Similar Part No. - XC651A4AA3VR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501 TOREX-XC6501 Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501 TOREX-XC6501 Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A1217R-G TOREX-XC6501A1217R-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A121GL TOREX-XC6501A121GL Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A121GR TOREX-XC6501A121GR Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
More results

Similar Description - XC651A4AA3VR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com