Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1515-50A Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 1515-50A
Description  FIXED SIP DELAY LINE TD/TR = 10
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

1515-50A Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  1515-50A Datasheet HTML 1Page - Data Delay Devices, Inc. 1515-50A Datasheet HTML 2Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1515
Doc #00116
DATA DELAY DEVICES, INC.
1
7/20/00
3 Mt. Prospect Ave. Clifton, NJ 07013
FIXED SIP DELAY LINE
TD/TR = 10
(SERIES 1515)
FEATURES
PACKAGES
Fast rise time for high freq. applications
Very narrow device (SIP package)
Stackable for PC board economy
Low profile
Epoxy encapsulated
Meets or exceeds MIL-D-23859C
FUNCTIONAL DESCRIPTION
The 1515-series device is a fixed, single-input, single-output, passive delay
line. The signal input (IN) is reproduced at the output (OUT), shifted by a
time (TD) given by the device dash number. The characteristic impedance
of the line is given by the letter code that follows the dash number (See
Table). The rise time (TR) of the line is 10% of TD, and the 3dB bandwidth is given by 3.5 / TD.
SERIES SPECIFICATIONS
Dielectric breakdown:
50 Vdc
Distortion @ output:
10% max.
Operating temperature:
-55
°C to +125°C
Storage temperature:
-55
°C to +125°C
Temperature coefficient:
100 PPM/
°C
©
©2000 Data Delay Devices
data
delay
devices, inc.
®
®
3
2
13 14
1
GND
IN
OUT
GND
1515-xxz
xx = Delay (TD)
z = Impedance Code
PIN DESCRIPTIONS
IN
Signal Input
OUT
Signal Output
GND
Ground
DASH NUMBER SPECIFICATIONS
Part
Number
Delay
(ns)
Impedance
(
Ω)
Ins. Loss
(dB)
Cut-Off
(MHz)
1515-10A
10
± 1.0
50
< 0.5
350
1515-20A
20
± 1.0
50
< 0.5
175
1515-30A
30
± 1.5
50
< 0.5
116
1515-40A
40
± 2.0
50
< 0.5
87
1515-50A
50
± 2.5
50
< 0.5
70
1515-60A
60
± 3.0
50
< 1.0
58
1515-70A
70
± 3.5
50
< 1.0
50
1515-80A
80
± 4.0
50
< 1.0
43
1515-90A
90
± 4.5
50
< 1.0
38
1515-100A
100
± 5.0
50
< 1.0
35
1515-10Y
10
± 1.0
75
< 0.5
350
1515-20Y
20
± 1.0
75
< 0.5
175
1515-30Y
30
± 1.5
75
< 0.5
116
1515-40Y
40
± 2.0
75
< 0.5
87
1515-50Y
50
± 2.5
75
< 0.5
70
1515-60Y
60
± 3.0
75
< 1.0
58
1515-70Y
70
± 3.5
75
< 1.0
50
1515-10B
10
± 1.0
100
< 0.5
350
1515-20B
20
± 1.0
100
< 0.5
175
1515-30B
30
± 1.5
100
< 0.5
116
1515-40B
40
± 2.0
100
< 0.5
87
1515-50B
50
± 2.5
100
< 0.5
70
GND
(2)
IN
(1)
GND
(13)
OUT
(14)
Functional Diagram


Similar Part No. - 1515-50A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1515-1 ETC2-1515-1 Datasheet
523Kb / 1P
   SPLIT-TYPE (FORK) TURRETS
1515-2 ETC2-1515-2 Datasheet
523Kb / 1P
   SPLIT-TYPE (FORK) TURRETS
1515-3 ETC2-1515-3 Datasheet
523Kb / 1P
   SPLIT-TYPE (FORK) TURRETS
1515-4 ETC2-1515-4 Datasheet
523Kb / 1P
   SPLIT-TYPE (FORK) TURRETS
More results

Similar Description - 1515-50A

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
1513 DATADELAY-1513 Datasheet
31Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 5
1514 DATADELAY-1514 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 5
2211 DATADELAY-2211 Datasheet
43Kb / 3P
   FIXED DIP DELAY LINE TD/TR = 10
1507 DATADELAY-1507 Datasheet
38Kb / 2P
   10-TAP SIP DELAY LINE TD/TR = 5
1504 DATADELAY-1504 Datasheet
38Kb / 2P
   FIXED DIP DELAY LINE TD/TR = 5
1505 DATADELAY-1505 Datasheet
30Kb / 2P
   5-TAP SIP DELAY LINE TD/TR = 3
2020 DATADELAY-2020 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TR < 1ns
2214 DATADELAY-2214 Datasheet
46Kb / 3P
   20-TAP DIP DELAY LINE TD/TR = 10
logo
List of Unclassifed Man...
1519-20A ETC-1519-20A Datasheet
43Kb / 3P
   10-TAP DIP DELAY LINE TD/TR = 5
logo
Data Delay Devices, Inc...
1519 DATADELAY-1519 Datasheet
39Kb / 3P
   10-TAP DIP DELAY LINE TD/TR = 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com