Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2163E51AML Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC2163E51AML
Description  ICs for use with 3rd Overtone Crystal Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2163E51AML Datasheet(HTML) 3 Page - Torex Semiconductor

  XC2163E51AML Datasheet HTML 1Page - Torex Semiconductor XC2163E51AML Datasheet HTML 2Page - Torex Semiconductor XC2163E51AML Datasheet HTML 3Page - Torex Semiconductor XC2163E51AML Datasheet HTML 4Page - Torex Semiconductor XC2163E51AML Datasheet HTML 5Page - Torex Semiconductor XC2163E51AML Datasheet HTML 6Page - Torex Semiconductor XC2163E51AML Datasheet HTML 7Page - Torex Semiconductor XC2163E51AML Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
XC2163
Series
1033
14
q
w 
MARK
RATIO
MARK
RATIO
MARK
MARK
Frequency (MHz)
A
B
C
D
E
F
H
K
L
Z
108~125
95~110
80~97
68~83
55~70
45~57
40~48
108~125
93~110
80~95
72~83
65~75
57~67
6
e
r
1
q w e r
SOT-26
(TOP VIEW)
Represents Frequency & Rf,
Cg & Cd Values
Represents the Assembly Lot No.
(based on internal standards)
fo/1
fo/2
fo/4
fo/8
Represents the Series name
Represents the Divider Ratio
External
5.0V
3.3V
■Marking
■Absolute Maximum Ratings
■Block Diagram
Rup
Cg
Cd
Rf
1/2
1/2
1/2
XT
/XT
/INH
Rup
1/2
1/2
1/2
XT
/XT
/INH
VDD
VDD
QO
QO
VSS
VSS
q Built -in oscillation capacitors, oscillation feedback resistor
w External oscillation capacitors, oscillation feedback resistor
PARAMETER
SYMBOL
CONDITIONS
UNITS
Supply Voltage
V
Input Voltage
V
Continuous Total
Power Dissipation
Pd
mW
Operating Ambient
Temp.
Topr
Storage Temp.
Tstg
VSS-0.3∼VSS+7.0
VSS-0.3∼VDD+0.3
250 *
-30∼+80
-55∼+125
VDD
VIN
* when implemented on a glass epoxy PCB
■Packaging Information
GSOT-26
(0.95)
(0.5)
1.9±0.2
2.9±0.2
1.1±0.1
0∼0.1
0.15
+0.1
-0.05
0.4
+0.1
-0.05
0.4
+0.1
-0.05
14S_04XC2163 02.09.12 16:36 ページ 1033


Similar Part No. - XC2163E51AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2163E51AML TOREX-XC2163E51AML Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
More results

Similar Description - XC2163E51AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_1 Datasheet
295Kb / 7P
   ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5017 NPC-CF5017 Datasheet
90Kb / 10P
   3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com