Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2163E51AML Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC2163E51AML
Description  ICs for use with 3rd Overtone Crystal Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2163E51AML Datasheet(HTML) 4 Page - Torex Semiconductor

  XC2163E51AML Datasheet HTML 1Page - Torex Semiconductor XC2163E51AML Datasheet HTML 2Page - Torex Semiconductor XC2163E51AML Datasheet HTML 3Page - Torex Semiconductor XC2163E51AML Datasheet HTML 4Page - Torex Semiconductor XC2163E51AML Datasheet HTML 5Page - Torex Semiconductor XC2163E51AML Datasheet HTML 6Page - Torex Semiconductor XC2163E51AML Datasheet HTML 7Page - Torex Semiconductor XC2163E51AML Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
XC2163 Series
1034
14
■Electrical Characteristics
MIN
TYP
MAX
tr
tf
1.5
1.5
DUTY
45
55
PARAMETER
SYMBOL
CONDITIONS
tplz
100
Output Rise Time
Output Fall Time
Output DUTY Cycle
Output Disable
(Delay Time)
CL=15pF, 0.1VDD→0.9VDD
CL=15pF, 0.9VDD→0.1VDD
C51A 
0.5VDD, CL=15pF, f=125MHz
C51B 
0.5VDD, CL=15pF, f=110MHz
CL=15pF
Standard value
MIN
TYP
MAX
Operating Voltage
2.97
3.63
V
/INH pin
2.4
V
/INH pin
0.4
V
2.2
2.4
V
0.3
0.4
V
Consumption Current 1
18
mA
Consumption Current 2
/INH = 'L', f = 125MHz
5μA
/INH = 'L'
1.0
2.0
4.0
35
70
140
5.5
pF
PARAMETER
SYMBOL
CONDITIONS
UNITS
XC2163C51AMR/XC2163C51BMR
CMOS DUTY: VDD=3.3V, Ta=25℃
fosc=108MHz∼125MHz
XC2163C51AMR:
(Unless specified, VDD=3.3V, Ta=25℃)
Qo pin, VDD = 2.97V, IOH = -8mA
Qo pin, VDD = 2.97V, IOL = 8mA
/INH = OPEN, CL = 15pF, f = 125MHz
/INH = 0.7VDD
Measured Value
'H' Level Input Voltage
'L' Level Input Voltage
'H' Level Output Voltage
'L' Level Output Voltage
Input pull up resistance 1
Input pull up resistance 2
Internal oscillation capacity
VDD
VIH
VIL
VOH
VOL
IDD1
IDD2
Rup1
Rup2
Cg
Measured Value
5.5
pF
1.5
10
μA
note) measured value
Qo pin, /INH = 'L'
/INH pin
/INH pin
/INH = 'L', f = 110MHz
/INH = 'L'
Qo pin, VDD = 2.97V, IOH = -8mA
Qo pin, VDD = 2.97V, IOL = 8mA
/INH = OPEN, CL = 15pF, f = 110MHz
/INH = 0.7VDD
Measured Value
Measured Value
Qo pin, /INH = 'L'
Internal oscillation feedback resistance
Output Off Leak Current
Operating Voltage
Consumption Current 1
Consumption Current 2
'H' Level Input Voltage
'L' Level Input Voltage
'H' Level Output Voltage
'L' Level Output Voltage
Input pull up resistance 1
Input pull up resistance 2
Internal oscillation capacity
Internal oscillation feedback resistance
Output Off Leak Current
Cd
Rf
IOZ
Standard value
MIN
TYP
MAX
2.97
3.63
V
2.4
V
0.4
V
2.2
2.4
V
0.3
0.4
V
15
mA
5μA
1.0
2.0
4.0
35
70
140
6.5
pF
PARAMETER
SYMBOL
CONDITIONS
UNITS
VDD
VIH
VIL
VOH
VOL
IDD1
IDD2
Rup1
Rup2
Cg
6.5
pF
1.7
10
μA
Cd
Rf
IOZ
fosc=93MHz∼110MHz
XC2163C51BMR:
(Unless specified, VDD=3.3V, No load, Ta=25℃)
■Switching Characteristics
14S_04XC2163 02.09.12 16:36 ページ 1034


Similar Part No. - XC2163E51AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2163E51AML TOREX-XC2163E51AML Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
More results

Similar Description - XC2163E51AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_1 Datasheet
295Kb / 7P
   ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5017 NPC-CF5017 Datasheet
90Kb / 10P
   3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com