Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC612D2533ML Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC612D2533ML
Description  CMOS Low Power Consumption
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC612D2533ML Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC612D2533ML Datasheet HTML 4Page - Torex Semiconductor XC612D2533ML Datasheet HTML 5Page - Torex Semiconductor XC612D2533ML Datasheet HTML 6Page - Torex Semiconductor XC612D2533ML Datasheet HTML 7Page - Torex Semiconductor XC612D2533ML Datasheet HTML 8Page - Torex Semiconductor XC612D2533ML Datasheet HTML 9Page - Torex Semiconductor XC612D2533ML Datasheet HTML 10Page - Torex Semiconductor XC612D2533ML Datasheet HTML 11Page - Torex Semiconductor XC612D2533ML Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
XC612 Series
176
2
XC612N Series
XC612N Series
IN
(includes through current)
voltage drop
1. Voltage detector 2's input voltage (VIN2)
An input protect diode is connected from input detector 2's input (VIN2) to input detector 1's input. Therefore, should
the voltage applied to VIN2 exceed VIN1, current will flow through VIN1 via the diode. (refer to diagram1)
2. Oscillation as a result of through current
Since the XC612 series are CMOS ICs, through current will flow when the IC's internal circuit switching operates
(during release and detect operations). Consequently, oscillation is liable to occur as a result of drops in voltage at
the through current's resistor (RIN) during release voltage operations. (refer to diagram 2)
Since hysteresis exists during detect operations, oscillation is unlikely to occur.
1. Please use this IC within the specified maximum absolute ratings.
2. Please ensure that input voltage VIN2 is less than VIN1 + 0.3V. (refer to N.B. 1 below)
3. With a resistor connected between the VIN1 pin and the input, oscillation is liable to occur as a result of through current at
the time of release. (refer to N.B. 2 below)
4. With a resistor connected between the VIN1 pin and the input, detect and release voltage will rise as a result of the IC's sup-
ply current flowing through the VIN1 pin.
5. In order to stabilise the IC's operations, please ensure that the VIN1 pin's input frequency's rise and fall times are more than
5
µ sec/V.
6. Should the power supply voltage VIN1 exceed 6V, voltage detector 2's detect voltage (VDF2) and the release voltage (VDR2)
will shift somewhat.
7. For CMOS output products, high level output voltage which is generated when the transient response is released becomes
input voltage of VIN.
■N.B.
Diagram 1. Voltage detector 2's input voltage VIN2
Diagram 2. Through current oscillation
VDET1
VDET2
VIN1
VIN2
RIN
×ISS*
VIN1
VIN2
RIN
VSS
ISS*
GN.B.
■Directions for use
GNotes on Use
02S_05XC612 02.09.12 14:15 ページ 176


Similar Part No. - XC612D2533ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612D1515ML TOREX-XC612D1515ML Datasheet
711Kb / 14P
   2-Channel Voltage Detectors
XC612D1515MR TOREX-XC612D1515MR Datasheet
711Kb / 14P
   2-Channel Voltage Detectors
More results

Similar Description - XC612D2533ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com