Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1519-10B Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 1519-10B
Description  10-TAP DIP DELAY LINE TD/TR = 5
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

1519-10B Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  1519-10B Datasheet HTML 1Page - Data Delay Devices, Inc. 1519-10B Datasheet HTML 2Page - Data Delay Devices, Inc. 1519-10B Datasheet HTML 3Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1519
Doc #01008
DATA DELAY DEVICES, INC.
1
10/30/01
3 Mt. Prospect Ave. Clifton, NJ 07013
10-TAP DIP DELAY LINE
TD/TR = 5
(SERIES 1519)
FEATURES
PACKAGES
10 taps of equal delay increment
Delays as large as 300ns available
Low DC resistance
Standard 14-pin DIP package
Epoxy encapsulated
Meets or exceeds MIL-D-23859C
FUNCTIONAL DESCRIPTION
The 1519-series device is a fixed, single-input, ten-output, passive delay
line. The signal input (IN) is reproduced at the outputs (T1-T10) in equal
increments. The delay from IN to T10 (TD) is given by the device dash
number. The characteristic impedance of the line is given by the letter
code that follows the dash number (See Table). The rise time (TR) of the
line is 20% of TD, and the 3dB bandwidth is given by 1.75 / TD.
SERIES SPECIFICATIONS
Functional Diagram
Dielectric breakdown:
50 Vdc
Distortion @ output:
10% max.
Operating temperature:
-55
°C to +125°C
Storage temperature:
-55
°C to +125°C
Temperature coefficient:
100 PPM/
°C
DASH NUMBER SPECIFICATIONS
Part
Number
Delay
(ns)
Imped
(
Ω)
RDC
(
Ω)
Part
Number
Delay
(ns)
Imped
(
Ω)
RDC
(
Ω)
Part
Number
Delay
(ns)
Imped
(
Ω)
RDC
(
Ω)
1519-20A
20
± 1.0
50
1.0
1519-100C
100
± 5.0
200
6.0
1519-360E
360
± 18.0
300
21.0
1519-25A
25
± 1.3
50
1.0
1519-120C
120
± 6.0
200
6.5
1519-450E
450
± 22.5
300
24.0
1519-30A
30
± 1.5
50
1.2
1519-160C
160
± 8.0
200
7.0
1519-600E
600
± 30.0
300
40.0
1519-40A
40
± 2.0
50
1.5
1519-180C
180
± 9.0
200
8.5
1519-40F
40
± 2.0
400
8.5
1519-45A
45
± 2.3
50
1.5
1519-200C
200
± 10.0
200
9.0
1519-80F
80
± 4.0
400
9.0
1519-50A
50
± 2.5
50
1.5
1519-240C
240
± 12.0
200
9.5
1519-120F
120
± 6.0
400
9.0
1519-60A
60
± 3.0
50
1.5
1519-300C
300
± 15.0
200
16.0
1519-160F
160
± 8.0
400
16.0
1519-75A
75
± 3.8
50
1.8
1519-400C
400
± 20.0
200
18.0
1519-200F
200
± 10.0
400
18.0
1519-100A
100
± 5.0
50
2.0
1519-50D
50
± 2.5
250
5.5
1519-240F
240
± 12.0
400
20.0
1519-10B
10
± 1.0
100
1.0
1519-75D
75
± 3.8
250
6.0
1519-320F
320
± 16.0
400
26.0
1519-20B
20
± 1.0
100
1.5
1519-100D
100
± 5.0
250
7.0
1519-360F
360
± 18.0
400
28.0
1519-30B
30
± 1.5
100
1.5
1519-125D
125
± 6.3
250
8.0
1519-480F
480
± 24.0
400
38.0
1519-40B
40
± 2.0
100
1.8
1519-150D
150
± 7.5
250
8.5
1519-600F
600
± 30.0
400
45.0
1519-50B
50
± 2.5
100
2.0
1519-200D
200
± 10.0
250
10.0
1519-800F
800
± 40.0
400
40.0
1519-60B
60
± 3.0
100
3.0
1519-225D
225
± 12.0
250
11.0
1519-50G
50
± 2.5
500
6.0
1519-80B
80
± 4.0
100
3.5
1519-300D
300
± 15.0
250
17.0
1519-100G
100
± 5.0
500
10.0
1519-90B
90
± 4.5
100
3.5
1519-375D
375
± 18.8
250
20.0
1519-150G
150
± 7.5
500
16.0
1519-100B
100
± 5.0
100
4.0
1519-500D
500
± 25.0
250
24.0
1519-200G
200
± 10.0
500
30.0
1519-120B
120
± 6.0
100
4.0
1519-30E
30
± 1.5
300
5.0
1519-250G
250
± 12.5
500
25.0
1519-150B
150
± 7.5
100
5.0
1519-60E
60
± 3.0
300
6.0
1519-300G
300
± 15.0
500
26.0
1519-200B
200
± 10.0
100
6.0
1519-90E
90
± 4.5
300
7.0
1519-400G
400
± 20.0
500
42.0
1519-250B
250
± 12.5
100
7.0
1519-120E
120
± 6.0
300
8.0
1519-450G
450
± 22.5
500
45.0
1519-20C
20
± 1.0
200
3.0
1519-150E
150
± 7.5
300
9.0
1519-500G
500
± 25.0
500
55.0
1519-40C
40
± 2.0
200
4.0
1519-180E
180
± 9.0
300
11.0
1519-600G
600
± 30.0
500
58.0
1519-60C
60
± 3.0
200
4.5
1519-240E
240
± 12.0
300
16.0
1519-750G
750
± 37.5
500
50.0
1519-80C
80
± 4.0
200
5.5
1519-270E
270
± 13.5
300
18.0
1519-1000G
1000
± 50
500
65.0
©
©2001 Data Delay Devices
data
delay
devices, inc.
®
®
3
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN
T2
T4
T6
T8
T10
N/C
GND
N/C
T1
T3
T5
T7
T9
N/C
N/C
1519-xxz
xx = Delay (TD)
z
= Impedance Code
PIN DESCRIPTIONS
IN
Signal Input
T1-T10 Tap Outputs
GND
Ground
GND
IN
T10
T1
T2
T3
T4
T6
T7
T8
T9
T5
GND


Similar Part No. - 1519-10B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1519-10B ETC-1519-10B Datasheet
43Kb / 3P
   10-TAP DIP DELAY LINE TD/TR = 5
More results

Similar Description - 1519-10B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1519-20A ETC-1519-20A Datasheet
43Kb / 3P
   10-TAP DIP DELAY LINE TD/TR = 5
logo
Data Delay Devices, Inc...
1520 DATADELAY-1520 Datasheet
350Kb / 3P
   10-TAP DIP/SMD DELAY LINE TD/TR = 5
1517 DATADELAY-1517 Datasheet
36Kb / 2P
   5-TAP DIP DELAY LINE TD/TR = 3
2214 DATADELAY-2214 Datasheet
46Kb / 3P
   20-TAP DIP DELAY LINE TD/TR = 10
1516 DATADELAY-1516 Datasheet
35Kb / 3P
   5-TAP DIP/SMD DELAY LINE TD/TR = 3
1507 DATADELAY-1507 Datasheet
38Kb / 2P
   10-TAP SIP DELAY LINE TD/TR = 5
logo
List of Unclassifed Man...
2214-50A ETC-2214-50A Datasheet
51Kb / 3P
   20-TAP DIP DELAY LINE TD/TR = 10 (SERIES 2214)
logo
Data Delay Devices, Inc...
1504 DATADELAY-1504 Datasheet
38Kb / 2P
   FIXED DIP DELAY LINE TD/TR = 5
2211 DATADELAY-2211 Datasheet
43Kb / 3P
   FIXED DIP DELAY LINE TD/TR = 10
1518 DATADELAY-1518 Datasheet
31Kb / 2P
   5-TAP SMD DELAY LINE TD/TR = 3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com