Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1517-60B Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 1517-60B
Description  5-TAP DIP DELAY LINE TD/TR = 3
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

1517-60B Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  1517-60B Datasheet HTML 1Page - Data Delay Devices, Inc. 1517-60B Datasheet HTML 2Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1517
Doc #01007
DATA DELAY DEVICES, INC.
1
10/30/01
3 Mt. Prospect Ave. Clifton, NJ 07013
5-TAP DIP DELAY LINE
TD/TR = 3
(SERIES 1517)
FEATURES
PACKAGES
5 taps of equal delay increment
Delays as large as 300ns available
Low DC resistance
Standard 14-pin DIP package
Epoxy encapsulated
Meets or exceeds MIL-D-23859C
FUNCTIONAL DESCRIPTION
The 1517-series device is a fixed, single-input, five-output, passive delay
line. The signal input (IN) is reproduced at the outputs (T1-T5) in equal
increments. The delay from IN to T5 (TD) is given by the device dash
number. The characteristic impedance of the line is given by the letter
code that follows the dash number (See Table). The rise time (TR) of the
line is 33% of TD, and the 3dB bandwidth is given by 1.05 / TD.
SERIES SPECIFICATIONS
FUNCTIONAL DIAGRAM
Dielectric breakdown:
50 Vdc
Distortion @ output:
10% max.
Operating temperature:
-55
°C to +125°C
Storage temperature:
-55
°C to +125°C
Temperature coefficient:
100 PPM/
°C
DASH NUMBER SPECIFICATIONS
Part
Number
Delay
(ns)
Imped
(
Ω)
RDC
(
Ω)
Part
Number
Delay
(ns)
Imped
(
Ω)
RDC
(
Ω)
Part
Number
Delay
(ns)
Imped
(
Ω)
RDC
(
Ω)
1517-10A
10.0
± 1.0
50
0.6
1517-80C
80.0
± 4.0
200
3.5
1517-20F
20.0
± 1.0
400
4.5
1517-15A
15.0
± 1.0
50
0.6
1517-90C
90.0
± 4.5
200
5.0
1517-40F
40.0
± 2.0
400
5.0
1517-20A
20.0
± 1.0
50
0.7
1517-120C
120.0
± 6.0
200
5.0
1517-60F
60.0
± 3.0
400
5.0
1517-30A
30.0
± 1.5
50
0.7
1517-150C
150.0
± 7.5
200
8.0
1517-80F
80.0
± 4.0
400
8.0
1517-40A
40.0
± 2.0
50
0.9
1517-25D
25.0
± 1.3
250
2.5
1517-100F
100.0
± 5.0
400
9.0
1517-5B
5.0
± 1.0
100
0.5
1517-37D
37.0
± 1.9
250
3.0
1517-120F
120.0
± 6.0
400
10.0
1517-10B
10.0
± 1.0
100
0.7
1517-50D
50.0
± 2.5
250
3.5
1517-160F
160.0
± 8.0
400
13.0
1517-15B
15.0
± 1.0
100
0.7
1517-60D
60.0
± 3.0
250
4.0
1517-180F
180.0
± 9.0
400
14.0
1517-20B
20.0
± 1.0
100
0.9
1517-75D
75.0
± 3.8
250
4.0
1517-240F
240.0
± 12.0
400
19.0
1517-25B
25.0
± 1.3
100
1.0
1517-100D
100.0
± 5.0
250
5.0
1517-300F
300.0
± 15.0
400
23.0
1517-30B
30.0
± 1.5
100
1.5
1517-150D
150.0
± 7.5
250
8.5
1517-25G
25.0
± 1.3
500
3.0
1517-40B
40.0
± 2.0
100
1.8
1517-15E
15.0
± 1.0
300
2.5
1517-50G
50.0
± 2.5
500
5.0
1517-50B
50.0
± 2.5
100
2.0
1517-30E
30.0
± 1.5
300
3.0
1517-75G
75.0
± 3.8
500
8.0
1517-60B
60.0
± 3.0
100
2.0
1517-50E
50.0
± 2.5
300
4.0
1517-100G
100.0
± 5.0
500
15.0
1517-75B
75.0
± 3.8
100
2.5
1517-60E
60.0
± 3.0
300
4.0
1517-125G
125.0
± 6.3
500
9.0
1517-10C
10.0
± 1.0
200
1.5
1517-75E
75.0
± 3.8
300
4.5
1517-150G
150.0
± 7.5
500
13.0
1517-20C
20.0
± 1.0
200
2.0
1517-90E
90.0
± 4.5
300
5.5
1517-200G
200.0
± 10.0
500
21.0
1517-30C
30.0
± 1.5
200
2.5
1517-120E
120.0
± 6.0
300
8.0
1517-225G
225.0
± 11.3
500
23.0
1517-40C
40.0
± 2.0
200
3.0
1517-130E
130.0
± 6.5
300
9.0
1517-300G
300.0
± 15.0
500
29.0
1517-50C
50.0
± 2.5
200
3.0
1517-180E
180.0
± 9.0
300
11.0
1517-60C
60.0
± 3.0
200
3.5
1517-220E
220.0
± 11.0
300
13.0
©
©2001 Data Delay Devices
data
delay
devices, inc.
®
®
3
14
13
12
11
10
9
8
1
2
3
4
5
6
7
IN
N/C
T2
N/C
T4
T5
GND
N/C
T1
N/C
T3
N/C
N/C
N/C
1517-xxz
xx = Delay (TD)
z = Impedance Code
PIN DESCRIPTIONS
IN
Signal Input
T1-T5 Tap Outputs
GND
Ground
GND
IN
T5
T1
T2
T3
T4


Similar Part No. - 1517-60B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1517-60B ETC-1517-60B Datasheet
37Kb / 2P
   5-TAP DIP DELAY LINE
More results

Similar Description - 1517-60B

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
1516 DATADELAY-1516 Datasheet
35Kb / 3P
   5-TAP DIP/SMD DELAY LINE TD/TR = 3
logo
List of Unclassifed Man...
1519-20A ETC-1519-20A Datasheet
43Kb / 3P
   10-TAP DIP DELAY LINE TD/TR = 5
logo
Data Delay Devices, Inc...
1519 DATADELAY-1519 Datasheet
39Kb / 3P
   10-TAP DIP DELAY LINE TD/TR = 5
1520 DATADELAY-1520 Datasheet
350Kb / 3P
   10-TAP DIP/SMD DELAY LINE TD/TR = 5
1518 DATADELAY-1518 Datasheet
31Kb / 2P
   5-TAP SMD DELAY LINE TD/TR = 3
1505 DATADELAY-1505 Datasheet
30Kb / 2P
   5-TAP SIP DELAY LINE TD/TR = 3
2214 DATADELAY-2214 Datasheet
46Kb / 3P
   20-TAP DIP DELAY LINE TD/TR = 10
1504 DATADELAY-1504 Datasheet
38Kb / 2P
   FIXED DIP DELAY LINE TD/TR = 5
1507 DATADELAY-1507 Datasheet
38Kb / 2P
   10-TAP SIP DELAY LINE TD/TR = 5
logo
List of Unclassifed Man...
2214-50A ETC-2214-50A Datasheet
51Kb / 3P
   20-TAP DIP DELAY LINE TD/TR = 10 (SERIES 2214)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com