Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6205A15ADR Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6205A15ADR
Description  Low ESR Cap. Compatible Output On/Off Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6205A15ADR Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6205A15ADR Datasheet HTML 4Page - Torex Semiconductor XC6205A15ADR Datasheet HTML 5Page - Torex Semiconductor XC6205A15ADR Datasheet HTML 6Page - Torex Semiconductor XC6205A15ADR Datasheet HTML 7Page - Torex Semiconductor XC6205A15ADR Datasheet HTML 8Page - Torex Semiconductor XC6205A15ADR Datasheet HTML 9Page - Torex Semiconductor XC6205A15ADR Datasheet HTML 10Page - Torex Semiconductor XC6205A15ADR Datasheet HTML 11Page - Torex Semiconductor XC6205A15ADR Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Preliminary
(3) Output Voltage vs. Input Voltage
(4) Dropout Voltage vs. Output Current
8
Low ESR Cap. Compatible, Output On/Off Control
XC6205 Series
High Speed LDO Regulators
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
40
80
120
160
200
Output Current IOUT (mA)
XC6205x092
CIN=1.0
µF(ceramic), CL=4.7µF(ceramic)
Topr= 85
OC
25
OC
- 40
OC
0.75
0.80
0.85
0.90
0.95
24
68
10
12
Input Voltage VIN (V)
XC6205x092
Topr=25
OC
CIN=1.0
µF(ceramic), CL=4.7µF(ceramic)
IOUT=
1mA
= 30mA
= 100mA
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.5
1.0
1.5
2.0
2.5
Input Voltage VIN (V)
XC6205x092
Topr=25
OC
CIN=1.0
µF(ceramic), CL=4.7µF(ceramic)
IOUT=
1mA
= 30mA
= 100mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
40
80
120
160
200
Output Current IOUT (mA)
XC6205x152
CIN=1.0
µF(ceramic), CL=2.2µF(ceramic)
Topr= 85
OC
25
OC
- 40
OC
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
24
68
10
12
Input Voltage VIN (V)
XC6205x152
Topr=25
OC
CIN=1.0
µF(ceramic), CL=2.2µF(ceramic)
IOUT=
1mA
= 30mA
= 100mA
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.0
1.5
2.0
Input Voltage VIN (V)
XC6205x152
Topr=25
OC
CIN=1.0
µF(ceramic), CL=2.2µF(ceramic)
IOUT=
1mA
= 30mA
= 100mA


Similar Part No. - XC6205A15ADR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6205A15ADR TOREX-XC6205A15ADR Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
More results

Similar Description - XC6205A15ADR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
logo
Shenzhen Huazhimei Semi...
HM6216 HMSEMI-HM6216 Datasheet
366Kb / 8P
   Low power consumption, Low ESR Cap. Compatible
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Minilogic Device Corpor...
ML6206S MINILOGIC-ML6206S Datasheet
597Kb / 14P
   Low ESR Cap. Compatible Positive Voltage Regulator
logo
Kingbor Technology Co
KB6206 KINGBOR-KB6206 Datasheet
79Kb / 6P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Torex Semiconductor
XC6401 TOREX-XC6401 Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com