Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6205D15ADR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6205D15ADR
Description  Low ESR Cap. Compatible Output On/Off Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6205D15ADR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6205D15ADR Datasheet HTML 1Page - Torex Semiconductor XC6205D15ADR Datasheet HTML 2Page - Torex Semiconductor XC6205D15ADR Datasheet HTML 3Page - Torex Semiconductor XC6205D15ADR Datasheet HTML 4Page - Torex Semiconductor XC6205D15ADR Datasheet HTML 5Page - Torex Semiconductor XC6205D15ADR Datasheet HTML 6Page - Torex Semiconductor XC6205D15ADR Datasheet HTML 7Page - Torex Semiconductor XC6205D15ADR Datasheet HTML 8Page - Torex Semiconductor XC6205D15ADR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Preliminary
Absolute Maximum Rating
Electrical Characteristics
XC6205x152 (1.5V)
Ta=25OC
NOTE
(NOTE 1) VOUT(T)=Specified Output Voltage
(NOTE 2) VOUT(E)=Effective Output Voltage
(I.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value).
(NOTE 3) Vdif={VIN1
(NOTE5)
-VOUT1
(NOTE4)
}
(NOTE 4) VOUT 1 = A voltage equal to 98% of the Output Voltage whenever an amply stabilized IOUT {VOUT(T) + 1.0V} is input.
(NOTE 5) VIN1=The Input Voltage when VOUT1 appears as Input Voltage is gradually decreased.
(NOTE 6) Unless otherwise stated, VIN=VOUT(T)+1.0V
3
UNITS
mA
mV
mV
1.530
V
V
mA
V
XC6205 Series
High Speed LDO Regulators
Low ESR Cap. Compatible, Output On/Off Control
PARAMETER
Input Voltage
RATINGS
VIN
SYMBOL
VOUT
12
500
VSS -0.3 ~ VIN +0.3
IOUT
1.500
VOUT (E)
Topr
Tstg
Operating Ambient Temperature
Storage Temperature
PARAMETER
SYMBOL
250
100
-40 ~ +85
TYP
-55 ~ +125
CONDITIONS
ppm/
OC
dB
500
µA
µA
% / V
V-
100
1
2
1
2.0
2
Output Current
Output Voltage
CE Input Voltage
Pd
Power
Dissipation
SOT-25(SOT-23-5)
USP-6B
VCE
VIN
1
1
15
50
0.01
0.10
10.0
IOUT=30mA
-40
OC
≤Topr≤85OC
Line Regulation
∆VIN ⋅ VOUT
∆VOUT /
Temperature Characteristics
∆VOUT /
∆Topr ⋅ VOUT
Output Voltage
Input Voltage
2
30
3
0.10
50
µVrms
mA
VCE=VIN
VIN=VOUT+1.5V, VOUT=VSS
-0.10
4
300
1
mA
60
0.10
VIN
µA
V
V
µA
1
0.25
2
2
Current Limiter
Output Noise
Ilim
IOUT=50mA, f=10kHz
Ripple Rejection Rate
PSRR
en
300Hz ~ 50kHz
CE "Low" Current
ICEL
CE "Low" Voltage
VCEL
CE "High" Current
ICEH
Standby Current
Istby
× 1.02
150
Maximum Output Current
IOUTMAX
VCE=VSS
Load Regulation
∆VOUT
CIRCUIT
MIN
MAX
UNITS
Output Voltage
Vdif1
Supply Current
IDD
Dropout Voltage
Vdif2
1.470
1
IOUT=30mA
V
mV
1
600
IOUT=30mA
IOUT=100mA
CE "High" Voltage
VCEH
1.60
Short-circuit Current
Ishort
VSS -0.3 ~ VIN +0.3
0.20
VCE=VIN
0.01
70
mW
OC
VOUT(T)+1.0V
≤VIN≤10V
IOUT=30mA
2
OC
1mA
≤IOUT≤100mA
VOUT(T)
× 0.98
VCE=VSS
-0.10


Similar Part No. - XC6205D15ADR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6205D15ADR TOREX-XC6205D15ADR Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
More results

Similar Description - XC6205D15ADR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
logo
Shenzhen Huazhimei Semi...
HM6216 HMSEMI-HM6216 Datasheet
366Kb / 8P
   Low power consumption, Low ESR Cap. Compatible
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Minilogic Device Corpor...
ML6206S MINILOGIC-ML6206S Datasheet
597Kb / 14P
   Low ESR Cap. Compatible Positive Voltage Regulator
logo
Kingbor Technology Co
KB6206 KINGBOR-KB6206 Datasheet
79Kb / 6P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Torex Semiconductor
XC6401 TOREX-XC6401 Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com