Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1514-5B Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 1514-5B
Description  FIXED SIP DELAY LINE TD/TR = 5
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

1514-5B Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  1514-5B Datasheet HTML 1Page - Data Delay Devices, Inc. 1514-5B Datasheet HTML 2Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1514
Doc #97023
DATA DELAY DEVICES, INC.
1
2/5/97
3 Mt. Prospect Ave. Clifton, NJ 07013
FIXED SIP DELAY LINE
TD/TR = 5
(SERIES 1514)
FEATURES
PACKAGES
Fast rise time for high frequency applications
Very narrow device (SIP package)
Stackable for PC board economy
Low profile
Epoxy encapsulated
Meets or exceeds MIL-D-23859C
FUNCTIONAL DESCRIPTION
The 1514-series device is a fixed, single-input, single-output, passive
delay line. The signal input (IN) is reproduced at the output (OUT), shifted
by a time (TD) given by the device dash number. The characteristic
impedance of the line is given by the letter code that follows the dash
number (See Table). The rise time (TR) of the line is 20% of TD, and the 3dB bandwidth is given by 1.75 /
TD.
SERIES SPECIFICATIONS
Dielectric breakdown:
50 Vdc
Distortion @ output:
10% max.
Operating temperature:
-55
°C to +125°C
Storage temperature:
-55
°C to +125°C
Temperature coefficient: 100 PPM/
°C
DASH NUMBER SPECIFICATIONS
Part
Number
Delay (ns)
Rise Time
(ns)
Impedance
(
Ω)
1514-2.5A
2.5
± 1.0
1.0
50
1514-5A
5.0
± 1.0
1.0
50
1514-10A
10.0
± 1.0
2.0
50
1514-15A
15.0
± 1.0
3.0
50
1514-20A
20.0
± 1.0
4.0
50
1514-25A
25.0
± 1.3
5.0
50
1514-30A
30.0
± 1.5
6.0
50
1514-40A
40.0
± 2.0
8.0
50
1514-50A
50.0
± 2.5
10.0
50
1514-60A
60.0
± 3.0
12.0
50
1514-80A
80.0
± 4.0
16.0
50
1514-100A
100
± 5.0
20.0
50
1514-3.5Y
3.5
± 1.0
1.0
75
1514-7.5Y
7.5
± 1.0
1.5
75
1514-15Y
15.0
± 1.0
3.0
75
1514-22.5Y
22.5
± 1.2
4.5
75
1514-30Y
30.0
± 1.5
6.0
75
1514-37.5Y
37.5
± 1.9
7.5
75
1514-45Y
45.0
± 2.3
9.0
75
1514-60Y
60.0
± 3.0
12.0
75
1514-75Y
75.0
± 3.8
15.0
75
1514-90Y
90.0
± 4.5
18.0
75
1514-105Y
105
± 5.3
21.0
75
1514-120Y
120
± 6.0
24.0
75
1514-135Y
135
± 6.8
27.0
75
1514-150Y
150
± 7.5
30.0
75
©
©1997 Data Delay Devices
data
delay
devices, inc.
®
®
3
2
6 7
1
GND
IN
OUT
GND
1514-xxz
xx = Delay (TD)
z = Impedance Code
PIN DESCRIPTIONS
IN
Signal Input
OUT
Signal Output
GND
Ground
Functional Diagram
GND
IN
GND
OUT
DASH NUMBER SPECIFICATIONS
Part
Number
Delay (ns)
Rise Time
(ns)
Impedance
(
Ω)
1514-5B
5.0
± 1.0
1.0
100
1514-10B
10.0
± 1.0
2.0
100
1514-20B
20.0
± 1.0
4.0
100
1514-30B
30.0
± 1.5
6.0
100
1514-40B
40.0
± 2.0
8.0
100
1514-50B
50.0
± 2.5
10.0
100
1514-60B
60.0
± 3.0
12.0
100
1514-80B
80.0
± 4.0
16.0
100
1514-100B
100
± 5.0
20.0
100
1514-120B
120
± 6.0
24.0
100
1514-140B
140
± 7.0
28.0
100
1514-150B
150
± 7.5
30.0
100
1514-50D
50.0
± 2.5
10.0
250
1514-70D
70.0
± 3.5
14.0
250
1514-120D
120
± 6.0
24.0
250
1514-130D
130
± 6.5
26.0
250
1514-150D
150
± 7.5
30.0
250
1514-170D
170
± 8.5
34.0
250
1514-270D
270
± 13.5
54.0
250
1514-70E
70.0
± 3.5
14.0
300
1514-140E
140
± 7.0
28.0
300
1514-45G
45.0
± 2.3
9.0
500
1514-50G
50.0
± 2.5
10.0
500
1514-80G
80.0
± 4.0
16.0
500
1514-100G
100
± 5.0
20.0
500
1514-190G
190
± 9.5
38.0
500


Similar Part No. - 1514-5B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1514-1 ETC2-1514-1 Datasheet
439Kb / 1P
   TURRET TERMINALS
1514-2 ETC2-1514-2 Datasheet
439Kb / 1P
   TURRET TERMINALS
logo
Texas Instruments
1514-2 TI-1514-2 Datasheet
368Kb / 12P
[Old version datasheet]   AN-1713 LM5116-12 Evaluation Board
Revised April 2013
logo
List of Unclassifed Man...
1514-3 ETC2-1514-3 Datasheet
439Kb / 1P
   TURRET TERMINALS
1514-4 ETC2-1514-4 Datasheet
439Kb / 1P
   TURRET TERMINALS
More results

Similar Description - 1514-5B

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
1513 DATADELAY-1513 Datasheet
31Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 5
1515 DATADELAY-1515 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 10
1504 DATADELAY-1504 Datasheet
38Kb / 2P
   FIXED DIP DELAY LINE TD/TR = 5
1507 DATADELAY-1507 Datasheet
38Kb / 2P
   10-TAP SIP DELAY LINE TD/TR = 5
1505 DATADELAY-1505 Datasheet
30Kb / 2P
   5-TAP SIP DELAY LINE TD/TR = 3
2211 DATADELAY-2211 Datasheet
43Kb / 3P
   FIXED DIP DELAY LINE TD/TR = 10
2020 DATADELAY-2020 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TR < 1ns
1517 DATADELAY-1517 Datasheet
36Kb / 2P
   5-TAP DIP DELAY LINE TD/TR = 3
1518 DATADELAY-1518 Datasheet
31Kb / 2P
   5-TAP SMD DELAY LINE TD/TR = 3
logo
List of Unclassifed Man...
1519-20A ETC-1519-20A Datasheet
43Kb / 3P
   10-TAP DIP DELAY LINE TD/TR = 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com