Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDU37F-80 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # DDU37F-80
Description  MECHANICALLY VARIABLE TTL DELAY LINE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

DDU37F-80 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  DDU37F-80 Datasheet HTML 1Page - Data Delay Devices, Inc. DDU37F-80 Datasheet HTML 2Page - Data Delay Devices, Inc. DDU37F-80 Datasheet HTML 3Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DDU37F
Doc #01016
DATA DELAY DEVICES, INC.
1
11/12/01
3 Mt. Prospect Ave. Clifton, NJ 07013
MECHANICALLY VARIABLE
TTL DELAY LINE
(SERIES DDU37F)
FEATURES
PACKAGES
Ideal for “Set and Forget” applications
Multi-turn adjustment screw (approx. 40 turns)
Input & output fully TTL interfaced & buffered
(10 T
2L fan-out capability)
Resolution:
As low as 0.12ns
Minimum delay (TD0):
6ns typical
Output rise time:
2ns typical
Min. input pulse width:
20% of maximum delay
Power dissipation:
230mW maximum
Operating temperature:
0
° to 70°C (Commercial)
-55
° to 125°C (Military)
Temperature coefficient:
100 PPM/
°C
FUNCTIONAL DESCRIPTION
The DDU37F-series device is a mechanically variable, FAST-TTL interfaced
delay line. The signal input (IN) is reproduced at the tap output (OUT), shifted
by an amount which can be adjusted between TD0 and TD0+ TDVAR, where
TDVAR is given by the device dash number (See Table). The device operates
from a single 5V supply and is TTL interfaced, capable of driving up to 10
TTL loads.
SERIES SPECIFICATIONS
Functional Diagram
GND
IN
OUT
.565
MAX
1.750
.285
.020
Package Dimensions
.187
.125
.200
MIN
.430
.100
IN
GND
NC
OUT
VCC
1.640
.100
.200
.100
.060
.060
data
delay
devices, inc.
®
®
3
DDU37F
GND
IN
OUT
NC
VCC
DDU37F-xx
(Commercial)
DDU37F-xxM
(Military)
xx = Dash number
PIN DESCRIPTIONS
IN
Signal Input
OUT
Fixed Output
VCC
+5V
GND
Ground
NC
No connection
DASH NUMBER
SPECIFICATIONS
Part
Number
TDVAR
(ns)
DDU37F-25
15
DDU37F-30
20
DDU37F-40
30
DDU37F-50
40
DDU37F-60
50
DDU37F-70
60
DDU37F-80
70
DDU37F-100
90
DDU37F-120
100
DDU37F-150
130
DDU37F-200
180
Note: Other delay times
available on request
©
©2001 Data Delay Devices


Similar Part No. - DDU37F-80

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU39F DATADELAY-DDU39F Datasheet
54Kb / 3P
   MECHANICALLY VARIABLE TTL DELAY LINE(SERIES DDU39F)
DDU39FM DATADELAY-DDU39FM Datasheet
54Kb / 3P
   MECHANICALLY VARIABLE TTL DELAY LINE(SERIES DDU39F)
More results

Similar Description - DDU37F-80

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU47F DATADELAY-DDU47F Datasheet
37Kb / 3P
   MECHANICALLY VARIABLE TTL DELAY LINE (SERIES DDU47F)
DDU39F DATADELAY-DDU39F Datasheet
54Kb / 3P
   MECHANICALLY VARIABLE TTL DELAY LINE(SERIES DDU39F)
1509 DATADELAY-1509 Datasheet
172Kb / 2P
   MECHANICALLY VARIABLE DELAY LINE
1503 DATADELAY-1503 Datasheet
238Kb / 3P
   MECHANICALLY VARIABLE DELAY LINE
DLO32F DATADELAY-DLO32F Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR
logo
Nippon Precision Circui...
SM5837AF NPC-SM5837AF Datasheet
75Kb / 8P
   Variable-length 1H Delay Line LSI
logo
Data Delay Devices, Inc...
3010 DATADELAY-3010 Datasheet
193Kb / 3P
   VOLTAGE-VARIABLE DELAY LINE TR < 1ns
logo
Nippon Precision Circui...
SM5837AF NPC-SM5837AF_06 Datasheet
88Kb / 10P
   Variable-length 1H Delay Line LSI
logo
Data Delay Devices, Inc...
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU224F DATADELAY-DDU224F Datasheet
41Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com