Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1504-90E Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # 1504-90E
Description  FIXED DIP DELAY LINE TD/TR = 5
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

1504-90E Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  1504-90E Datasheet HTML 1Page - Data Delay Devices, Inc. 1504-90E Datasheet HTML 2Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1504
Doc #01006
DATA DELAY DEVICES, INC.
2
10/30/01
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
*.320 MAX for delays
larger than 500ns
.900 MAX.
1
2
3
4
5
6
7
8
16
15
14 13
12
11
10
9
.290
MAX.*
.015 TYP.
.070 MAX.
.018
TYP.
.700
±.010
7 Equal spaces
each .100
±.010
Non-Accumulative
.280
MAX.
.350
MAX.
.010
±.002
Lead Material:
Nickel-Iron alloy 42
TIN PLATE
Package Dimensions
PASSIVE DELAY LINE TEST SPECIFICATIONS
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature:
25
oC
± 3oC
Rload:
10M
Input Pulse:
High = 3.0V typical
Cload:
10pf
Low = 0.0V typical
Threshold:
50% (Rising & Falling)
Source Impedance:
50
Ω Max.
Rise/Fall Time:
3.0 ns Max. (measured
at 10% and 90% levels)
Pulse Width
(TD <= 75ns):
PWIN = 100ns
Period
(TD <= 75ns):
PERIN = 1000ns
Pulse Width
(TD > 75ns):
PWIN = 2 x TD
Period
(TD > 75ns):
PERIN = 10 x TD
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
Timing Diagram For Testing
DRISE
DFALL
PERIN
PWIN
TRISE
TFALL
10%
10%
50%
50%
90%
90%
50%
50%
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL
TRISE
TFALL
10%
10%
90%
90%
IN
OUT
OUT
TRIG
IN
TRIG
Test Setup
DEVICE UNDER
TEST (DUT)
OSCILLOSCOPE
PULSE
GENERATOR
50
ROUT
RIN
RIN = ROUT = ZLINE


Similar Part No. - 1504-90E

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
1504 MARATHON-1504 Datasheet
230Kb / 3P
   Replace XX with 02, 04, 06, 08 or 12 for number of poles
REV-B 11/06/2019
logo
Heyco.
1504 HEYCO-1504 Datasheet
121Kb / 1P
   Original Strain Relief Bushings
logo
List of Unclassifed Man...
15040 ETC1-15040 Datasheet
219Kb / 5P
   Normal Wall Flame Retardant Heat Shrink Tubing
logo
Festo Corporation.
15040 FESTO-15040 Datasheet
109Kb / 1P
   Cartridge cylinder
logo
Heyco.
15040 HEYCO-15040 Datasheet
140Kb / 1P
   Rotary Dampers – 20° Pressure Angle Series
More results

Similar Description - 1504-90E

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
2211 DATADELAY-2211 Datasheet
43Kb / 3P
   FIXED DIP DELAY LINE TD/TR = 10
1513 DATADELAY-1513 Datasheet
31Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 5
1514 DATADELAY-1514 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 5
1517 DATADELAY-1517 Datasheet
36Kb / 2P
   5-TAP DIP DELAY LINE TD/TR = 3
logo
List of Unclassifed Man...
1519-20A ETC-1519-20A Datasheet
43Kb / 3P
   10-TAP DIP DELAY LINE TD/TR = 5
logo
Data Delay Devices, Inc...
1519 DATADELAY-1519 Datasheet
39Kb / 3P
   10-TAP DIP DELAY LINE TD/TR = 5
1516 DATADELAY-1516 Datasheet
35Kb / 3P
   5-TAP DIP/SMD DELAY LINE TD/TR = 3
1520 DATADELAY-1520 Datasheet
350Kb / 3P
   10-TAP DIP/SMD DELAY LINE TD/TR = 5
1515 DATADELAY-1515 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 10
2214 DATADELAY-2214 Datasheet
46Kb / 3P
   20-TAP DIP DELAY LINE TD/TR = 10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com