Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC62EP5001MR Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC62EP5001MR
Description  Boosting Voltage Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62EP5001MR Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC62EP5001MR Datasheet HTML 2Page - Torex Semiconductor XC62EP5001MR Datasheet HTML 3Page - Torex Semiconductor XC62EP5001MR Datasheet HTML 4Page - Torex Semiconductor XC62EP5001MR Datasheet HTML 5Page - Torex Semiconductor XC62EP5001MR Datasheet HTML 6Page - Torex Semiconductor XC62EP5001MR Datasheet HTML 7Page - Torex Semiconductor XC62EP5001MR Datasheet HTML 8Page - Torex Semiconductor XC62EP5001MR Datasheet HTML 9Page - Torex Semiconductor XC62EP5001MR Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
XC62E Series
352
3
XC62EP4002 VOUT(T)=4.0V (Note1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SYMBOL
Output Voltage
IOUT=50mA
VIN=5.0V
3.920
1000
4.000
4.080
V
Load Stability*
VIN=5.0V
mA
IOUT max.
Maximum Output Current*
Input-Output Voltage
Differential (Note3)
VIN=5.0V
1mA
≤ IOUT ≤ 100mA
–0.2
60
-60
mV
∆VOUT
Supply Current1
IOUT=100mA
IOUT=50mA
5.0V
≤ VIN ≤ 8.0V
IOUT=10mA
–30
°C ≤ Topr ≤ 80°C
100
mV
Vdif
Supply Current2
Input Stability*
EXT Output Voltage
EXT Leak Current
CE "High" Level Current
CE "Low" Level Current
Input Voltage
Output Voltage
Temperature Characteristics*
VIN=5.0V, VCE=VSS
VIN=8.0V,VCE=VIN
50
0.1
±100
–0.05
0.6
0.3
8
0.5
0.1
0
µA
80
µA
%/V
V
ppm/
°C
V
8
µA
µA
µA
ISS1
ISS2
VIN
VEXT
ILEAK
1.5
CE "High" Level Voltage
CE "Low" Level Voltage
0.25
V
V
VCEH
VCEL
ICEH
ICEL
VCE=VIN
VCE=VSS
∆VOUT
∆VIN • VOUT
∆VOUT
∆Topr • VOUT
Ta=25
°C
VOUT(E) (Note2)
XC62EP5002 VOUT(T)=5.0V (Note1)
1. VOUT(T)=Specified Output Voltage .
2. VOUT(E)=Effective Output Voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value).
3. Vdif= {VIN1 (Note5)-VOUT1 (Note4)}
4. VOUT1= A voltage equal to 98% of the Output Voltage whenever an amply stabilised IOUT {VOUT(T)+1.0V} is input.
5. VIN1= The Input Voltage when VOUT1 appears as Input Voltage is gradually decreased.
6. The characteristics for those parameters marked with an asterisk* are liable to vary depending on which transistor is used.
Please use a transistor with a low saturation voltage level and hFE equal to 100 or more.
7. The maximum output current value is not a value representing continuous output due to the limitations of the 2AS1213 transistor's power dissipation.
Note:
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SYMBOL
Output Voltage
IOUT=50mA
VIN=6.0V
4.900
1000
5.000
5.100
V
Load Stability*
VIN=6.0V
mA
IOUT max.
Maximum Output Current*
Input-Output Voltage
Differential (Note3)
VIN=6.0V
1mA
≤ IOUT ≤ 100mA
–0.2
60
-60
mV
∆VOUT
Supply Current1
IOUT=100mA
IOUT=50mA
6.0V
≤ VIN ≤ 8.0V
IOUT=10mA
–30
°C ≤ Topr ≤ 80°C
100
mV
Vdif
Supply Current2
Input Stability*
EXT Output Voltage
EXT Leak Current
CE "High" Level Current
CE "Low" Level Current
Input Voltage
Output Voltage
Temperature Characteristics*
VIN=6.0V, VCE=VSS
VIN=8.0V,VCE=VIN
50
0.1
±100
–0.05
0.6
0.3
8
0.5
0.1
0
µA
80
µA
%/V
V
ppm/
°C
V
8
µA
µA
µA
ISS1
ISS2
VIN
VEXT
ILEAK
1.5
CE "High" Level Voltage
CE "Low" Level Voltage
0.25
V
V
VCEH
VCEL
ICEH
ICEL
VCE=VIN
VCE=VSS
∆VOUT
∆VIN • VOUT
∆VOUT
∆Topr • VOUT
Ta=25
°C
VOUT(E) (Note2)
The characteristics for the XC62ER series are the same as above except for the CE operating logic which is the opposite.
03S_09XC62E 02.9.12 3:07 PM ページ 352


Similar Part No. - XC62EP5001MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62EP1502ML TOREX-XC62EP1502ML Datasheet
609Kb / 12P
   Boosting Voltage Regulators
XC62EP1502MR TOREX-XC62EP1502MR Datasheet
609Kb / 12P
   Boosting Voltage Regulators
More results

Similar Description - XC62EP5001MR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC621XX UTC-UC621XX_11 Datasheet
388Kb / 13P
   BOOSTING VOLTAGE REGULATORS
logo
Torex Semiconductor
XC62E TOREX-XC62E_1 Datasheet
609Kb / 12P
   Boosting Voltage Regulators
logo
E-Tech Electronics LTD
UC621XX ETL-UC621XX Datasheet
199Kb / 14P
   BOOSTING VOLTAGE REGULATORS
logo
Unisonic Technologies
UC62130 UTC-UC62130 Datasheet
199Kb / 14P
   BOOSTING VOLTAGE REGULATORS
UC621XX UTC-UC621XX_14 Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM1084 BOOKLY-BM1084 Datasheet
365Kb / 9P
   Voltage regulators
BM1117 BOOKLY-BM1117 Datasheet
377Kb / 9P
   Voltage regulators
logo
National Semiconductor ...
LM205 NSC-LM205 Datasheet
154Kb / 8P
   Voltage Regulators
logo
Torex Semiconductor
XC6204 TOREX-XC6204 Datasheet
25Kb / 1P
   Voltage Regulators
logo
National Semiconductor ...
LM105 NSC-LM105 Datasheet
227Kb / 7P
   Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com