Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDU66C-50B2 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # DDU66C-50B2
Description  5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU66C)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

DDU66C-50B2 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  DDU66C-50B2 Datasheet HTML 1Page - Data Delay Devices, Inc. DDU66C-50B2 Datasheet HTML 2Page - Data Delay Devices, Inc. DDU66C-50B2 Datasheet HTML 3Page - Data Delay Devices, Inc. DDU66C-50B2 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DDU66C
APPLICATION NOTES
HIGH FREQUENCY RESPONSE
The DDU66C tolerances are guaranteed for input
pulse widths and periods greater than those
specified in the test conditions. Although the
device will function properly for pulse widths as
small as 40% of the total delay and periods as
small as 80% of the total delay (for a symmetric
input), the delays may deviate from their values
at low frequency. However, for a given input
condition, the deviation will be repeatable from
pulse to pulse. Contact technical support at Data
Delay Devices if your application requires device
testing at a specific input condition.
POWER SUPPLY BYPASSING
The DDU66C relies on a stable power supply to
produce repeatable delays within the stated
tolerances. A 0.1uf capacitor from VDD to GND,
located as close as possible to the VDD pin, is
recommended. A wide VDD trace and a clean
ground plane should be used.
DEVICE SPECIFICATIONS
TABLE 1: ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VDD
-0.3
7.0
V
Input Pin Voltage
VIN
-0.3
VDD+0.3
V
Storage Temperature
TSTRG
-55
150
C
Lead Temperature
TLEAD
300
C
10 sec
TABLE 2: DC ELECTRICAL CHARACTERISTICS
(0C to 70C, 4.75V to 5.25V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
High Level Output Voltage
VOH
3.98
4.4
V
VDD = 5.0, IOH = MAX
VIH = MIN, VIL = MAX
Low Level Output Voltage
VOL
0.15
0.26
V
VDD = 5.0, IOL = MAX
VIH = MIN, VIL = MAX
High Level Output Current
IOH
-4.0
mA
Low Level Output Current
IOL
4.0
mA
High Level Input Voltage
VIH
3.15
V
Low Level Input Voltage
VIL
1.35
V
Input Current
IIH
0.10
µA
VDD = 5.0
Doc #97021
DATA DELAY DEVICES, INC.
2
2/5/97
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com


Similar Part No. - DDU66C-50B2

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU66F DATADELAY-DDU66F Datasheet
53Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
DDU66F-10 DATADELAY-DDU66F-10 Datasheet
53Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
DDU66F-100 DATADELAY-DDU66F-100 Datasheet
53Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
DDU66F-100A2 DATADELAY-DDU66F-100A2 Datasheet
53Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
DDU66F-100B2 DATADELAY-DDU66F-100B2 Datasheet
53Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
More results

Similar Description - DDU66C-50B2

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU8C DATADELAY-DDU8C Datasheet
51Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
DDU222C DATADELAY-DDU222C Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU222C)
SMD99C DATADELAY-SMD99C Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES SMD99C)
DDU4C DATADELAY-DDU4C Datasheet
55Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU4C)
SMD99F DATADELAY-SMD99F Datasheet
43Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
DDU66F DATADELAY-DDU66F Datasheet
53Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
DDU4F DATADELAY-DDU4F Datasheet
52Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU4F)
DDU11H DATADELAY-DDU11H Datasheet
38Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU11H)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com