Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6371DXX2PL Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6371DXX2PL
Description  PWM Controlled Step-Up DC/DC Controllers/Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6371DXX2PL Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6371DXX2PL Datasheet HTML 4Page - Torex Semiconductor XC6371DXX2PL Datasheet HTML 5Page - Torex Semiconductor XC6371DXX2PL Datasheet HTML 6Page - Torex Semiconductor XC6371DXX2PL Datasheet HTML 7Page - Torex Semiconductor XC6371DXX2PL Datasheet HTML 8Page - Torex Semiconductor XC6371DXX2PL Datasheet HTML 9Page - Torex Semiconductor XC6371DXX2PL Datasheet HTML 10Page - Torex Semiconductor XC6371DXX2PL Datasheet HTML 11Page - Torex Semiconductor XC6371DXX2PL Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
XC6371 Series
444
4
XC6371D501PR
Ta=25
°C
VOUT=5.0V,FOSC=100kHZ
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Voltage
VOUT
4.875
5.000
5.125
V
Maximum Input Voltage
VIN
10
V
Operation Start-up Voltage
VST1
External Components Connected. IOUT=1mA.
0.90
V
Oscillation Start-up Voltage
VST2
No external components.
Apply voltage to Vout.
0.80
V
IDD1
Supply Current 1
Same as VST2.
Apply output voltage
✕0.95 to VOUT.
40.0
66.8
µA
Supply Current 2
IDD2
Same as VST2.
Apply output voltage
✕1.1 to VOUT.
8.2
16.5
µA
EXT "High" On Resistance
REXTH
Same as IDD 1. VEXT=–0.4V.
37.5
62.5
EXT "Low" On Resistance
REXTL
Same as IDD 1. VEXT=0.4V.
50
30
Same as IDD 1. Measuring of EXT waveform.
Same as IDD 1. Existence of Lx Oscillation.
Same as IDD 1. Disappearance of Lx Oscillation.
Oscillator Frequency
FOSC
Same as IDD 1. Measuring of EXT waveform.
85
100
115
kHz
Maximum Duty Ratio
MAXDTY
80
87
92
%
Stand-by Current
ISTB
Same as IDD 1.
0.5
µA
CE"High"Current
ICEH
Same as IDD 1.VCE=VOUT
✕0.95.
0.25
µA
CE"Low"Current
ICEL
Same as IDD 1.VCE=0V.
–0.25
µA
Efficiency
EFFI
85
%
Slow-Start Time
TSS
4.0
10.0
20.0
ms
CE"High"Voltage
VCEH
0.75
V
CE"Low"Voltage
VCEL
0.20
V
Measuring conditions: Unless otherwise specified, connect CE to VOUT,VIN=VOUT
✕0.6, IOUT=50mA. See Typical Application Circuits,Fig.4.
XC6371E501PR
Ta=25
°C
VOUT=5.0V,FOSC=100kHZ
PARAMETER
Output Voltage
Maximum Input Voltage
Operation Start-up Voltage
Oscillation Start-up Voltage
VOUT
VIN
VST1
VST2
IDD1
IDD2
RSWON
ILXL
FOSC
MAXDTY
VLxLMT
EFFI
TSS
Supply Current 1
Supply Current 2
Lx Switch-On Resistance
Lx Leakage Current
Osicillator Frequency
Maximum Duty Ratio
Lx Limit Voltage
Efficiency
Slow-Start Time
SYMBOL
CONDITIONS
External Components Connected. IOUT=1mA.
No external components.
Apply voltage to VOUT.
Same as VST2.
Apply output voltage
✕0.95 to VOUT.
Same as VST2.
Apply output voltage
✕1.1 to VOUT.
Same as IDD 1. VLX=0.4V.
No external components. VOUT=VLX=10V.
Same as IDD 1. Measuring of Lx waveform.
Same as IDD 1. Measuring of Lx waveform.
Same as IDD 1.
Apply output voltage to Lx.
Voltage required to produce FOSC
✕2.
MIN
TYP
MAX UNITS
4.875
5.000
5.125
V
10
V
0.90
V
0.80
V
80.2
133.8
µA
8.2
1.4
16.5
2.4
1.0
µA
µA
85
100
115
kHz
80
87
92
%
0.7
1.3
V
85
%
4.0
10.0
20.0
ms
When the VDD and VOUT pins are independently used, the voltage range at the VDD pin should be 2.2V to 10V.
The IC operates from VDD=0.8V. However, output voltage and oscillator frequency are properly stabilized when VDD=2.2V or higher.
Note:
Measuring conditions: Unless otherwise specified, connect VDD to Vout,VIN=VOUT
✕0.6, IOUT=50mA. SeeTypical Application Circuits,Fig.5.
04S_04XC6371 02.09.12 14:44 ページ 444


Similar Part No. - XC6371DXX2PL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6371 TOREX-XC6371 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371A TOREX-XC6371A Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371A200DL TOREX-XC6371A200DL Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371A200DR TOREX-XC6371A200DR Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results

Similar Description - XC6371DXX2PL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com