Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDU66C-20D1 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # DDU66C-20D1
Description  5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU66C)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

DDU66C-20D1 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  DDU66C-20D1 Datasheet HTML 1Page - Data Delay Devices, Inc. DDU66C-20D1 Datasheet HTML 2Page - Data Delay Devices, Inc. DDU66C-20D1 Datasheet HTML 3Page - Data Delay Devices, Inc. DDU66C-20D1 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DDU66C
5-TAP, HCMOS-INTERFACED
FIXED DELAY LINE
(SERIES DDU66C)
data
delay
devices, inc.
3
FEATURES
PACKAGES
14
12
10
8
1
4
6
7
IN
T2
T4
GND
VDD
T1
T3
T5
Five equally spaced outputs
1
2
3
4
5
6
7
14
13
12
11
10
9
8
IN
N/C
N/C
T2
N/C
T4
GND
VDD
N/C
T1
N/C
T3
N/C
T5
Fits standard 14-pin DIP socket
Low profile
Auto-insertable
Input & outputs fully CMOS interfaced & buffered
10 T
2L fan-out capability
DDU66C-xxD1
Com. SMD
DDU66C-xxD4
Com. SMD
DDU66C-xxMD1
Mil. SMD
DDU66C-xxMD4
Mil. SMD
DDU66C-xx
DIP
DDU66C-xxA2 Gull-Wing
DDU66C-xxB2 J-Lead
DDU66C-xxME7Military DIP
FUNCTIONAL DESCRIPTION
The DDU66C-series device is a 5-tap digitally buffered delay line. The
signal input (IN) is reproduced at the outputs (T1-T5), shifted in time by an
amount given by the device dash number. For dash numbers less than
40, the total delay of the line is measured from T1 to T5, with the nominal
value given by the dash number. The nominal tap-to-tap delay increment
is given by 1/4 of this number. The inherent delay from IN to T1 is nominally 8.0ns. For dash numbers
greater than or equal to 40, the total delay of the line is measured from IN to T5, with the nominal value
given by the dash number. The nominal tap-to-tap delay increment is given by 1/5 of this number.
PIN DESCRIPTIONS
IN
Signal Input
T1-T5 Tap Outputs
VDD
+5 Volts
GND
Ground
SERIES SPECIFICATIONS
DASH NUMBER SPECIFICATIONS
Part
Number
Total
Delay (ns)
Delay Per
Tap (ns)
DDU66C-10
10
± 2.0 *
2.5
± 1.0
DDU66C-20
20
± 2.0 *
5.0
± 2.0
DDU66C-50
50
± 3.0
10.0
± 3.0
DDU66C-60
60
± 3.0
12.0
± 3.0
DDU66C-75
75
± 4.0
15.0
± 3.0
DDU66C-100
100
± 5.0
20.0
± 3.0
DDU66C-125
125
± 6.5
25.0
± 3.0
DDU66C-150
150
± 7.5
30.0
± 3.0
DDU66C-175
175
± 8.0
35.0
± 4.0
DDU66C-200
200
± 10.0
40.0
± 4.0
DDU66C-250
250
± 12.5
50.0
± 5.0
* Total delay is referenced to first tap output
Input to first tap = 8.0ns
± 2ns
NOTE: Any dash number between 10 and 250 not
shown is also available.
Minimum input pulse width: 40% of total delay
Output rise time: 8ns typical
Supply voltage:
5VDC
± 5%
Supply current:
ICCL = 40µa typical
ICCH = 10ma typical
Operating temperature: 0
° to 70° C
Temp. coefficient of total delay: 300 PPM/
°C
25%
25%
25%
25%
VCC
GND
IN
T1
T2
T3
T4
T5
Functional diagram for dash numbers < 40
8.0ns
20%
20%
20%
20%
20%
VCC
GND
IN
T1
T2
T3
T4
T5
Functional diagram for dash numbers >= 40
1997 Data Delay Devices
Doc #97021
DATA DELAY DEVICES, INC.
1
2/5/97
3 Mt. Prospect Ave. Clifton, NJ 07013


Similar Part No. - DDU66C-20D1

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU66F DATADELAY-DDU66F Datasheet
53Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
DDU66F-10 DATADELAY-DDU66F-10 Datasheet
53Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
DDU66F-100 DATADELAY-DDU66F-100 Datasheet
53Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
DDU66F-100A2 DATADELAY-DDU66F-100A2 Datasheet
53Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
DDU66F-100B2 DATADELAY-DDU66F-100B2 Datasheet
53Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
More results

Similar Description - DDU66C-20D1

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU8C DATADELAY-DDU8C Datasheet
51Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
DDU222C DATADELAY-DDU222C Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU222C)
SMD99C DATADELAY-SMD99C Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES SMD99C)
DDU4C DATADELAY-DDU4C Datasheet
55Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU4C)
SMD99F DATADELAY-SMD99F Datasheet
43Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
DDU66F DATADELAY-DDU66F Datasheet
53Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
DDU4F DATADELAY-DDU4F Datasheet
52Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU4F)
DDU11H DATADELAY-DDU11H Datasheet
38Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU11H)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com