Electronic Components Datasheet Search |
|
XC61FC3842TR Datasheet(PDF) 6 Page - Torex Semiconductor |
|
XC61FC3842TR Datasheet(HTML) 6 Page - Torex Semiconductor |
6 / 12 page XC61F Seires 162 2 ■Block Diagram ■Electrical Characteristics Vref Delay Circuit Vref Delay Circuit (1)CMOS output (2)N-channel open drain output VOUT VIN VSS VOUT VIN VSS ■絶対最大定格 Ta=25℃ SYMBOL RATINGS UNITS VIN 12 V IOUT 50 mA VOUT VSS -0.3 ∼ VIN +0.3 VSS -0.3 ∼ 9 V Continuous Total SOT-23 Pd 150 mW Power Dissipation SOT-89 500 Topr -30 ∼ +80 O C Tstg -40 ∼ +125 O C Output Voltage PARAMETER Output Current Input Voltage Storage Temperature Operating Ambient Temperature CMOS N-ch open drain TO-92 300 ■Absolute Maximum Ratings Ta=25℃ VDF(T):established detect voltage value Release Voltage : VDR = V DF + V HYS Note : The power consumption during power-start to output being stable (release operation) is 2 µA greater than it is after that period (completion of release operation) because of delay circuit through current. * Transient Delay Time : 1ms to 50ms & 80ms to 400ms versions are also available. PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS CIRCUIT Detect Voltage V DF VDF (T) VDF (T) VDF (T) V x 0.98 x 1.02 Hysteresis Range VHYS VDF VDF VDF V x 0.02 x 0.05 x 0.08 VIN=1.5V 0.9 2.6 =2.0V 1.0 3.0 Supply Current ISS =3.0V 1.3 3.4 µA 2 1 1 =4.0V 1.6 3.8 =5.0V 2.0 4.2 Operating Voltage V IN VDF=1.6V to 6.0V 0.7 10.0 V 1 N-ch VDS=0.5V VIN=1.0V 2.2 =2.0V 7.7 3 =3.0V 10.1 Output Current IOUT =4.0V 11.5 mA =5.0V 13.0 P-ch VDS=2.1V VIN=8.0V -10.0 4 ( CMOS output ) Detect Voltage ∆ VDF ± 100 ppm/ °C - Temperature Characteristics ∆ Topr • VDF Transient Delay Time tDLY * VIN changes from 50 200 ms 5 (VDR VOUT inversion) 0.6V to 10V 02S_04XC61F 02.09.12 14:04 ページ 162 |
Similar Part No. - XC61FC3842TR |
|
Similar Description - XC61FC3842TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |