Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDU18F-5 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # PDU18F-5
Description  8-BIT PROGRAMMABLE DELAY LINE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

PDU18F-5 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  PDU18F-5 Datasheet HTML 1Page - Data Delay Devices, Inc. PDU18F-5 Datasheet HTML 2Page - Data Delay Devices, Inc. PDU18F-5 Datasheet HTML 3Page - Data Delay Devices, Inc. PDU18F-5 Datasheet HTML 4Page - Data Delay Devices, Inc. PDU18F-5 Datasheet HTML 5Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PDU18F
8-BIT PROGRAMMABLE
DELAY LINE
(SERIES PDU18F)
FEATURES
PACKAGES
Digitally programmable in 256 delay steps
Monotonic delay-versus-address variation
Two separate outputs: inverting & non-inverting
Precise and stable delays
Input & outputs fully TTL interfaced & buffered
10 T
2L fan-out capability
Fits standard 40-pin DIP socket
Auto-insertable
FUNCTIONAL DESCRIPTION
The PDU18F-series device is a 8-bit digitally programmable delay line.
The delay, TDA, from the input pin (IN) to the output pins (OUT, OUT/)
depends on the address code (A7-A0) according to the following formula:
TDA = TD0 + TINC * A
where A is the address code, TINC is the incremental delay of the device,
and TD0 is the inherent delay of the device. The incremental delay is
specified by the dash number of the device and can range from 0.5ns through 10ns, inclusively. The
enable pins (EN/) are held LOW during normal operation. These pins must always be in the same state
and may be tied together externally. When these signals are brought HIGH, OUT and OUT/ are forced into
LOW and HIGH states, respectively. The address is not latched and must remain asserted during normal
operation.
data
delay
devices, inc.
3
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
N/C
OUT/
OUT
EN/
GND
N/C
N/C
N/C
GND
N/C
N/C
N/C
N/C
GND
N/C
EN/
A7
IN
N/C
GND
VCC
N/C
A0
A1
A2
VCC
N/C
A3
A4
A5
VCC
N/C
N/C
N/C
N/C
VCC
N/C
A6
N/C
N/C
PDU18F-xx
DIP
PDU18F-xxC5
Gull-Wing
PDU18F-xxM
Military DIP
PDU18F-xxMC5
Military Gull-Wing
PIN DESCRIPTIONS
IN
Delay Line Input
OUT Non-inverted Output
OUT/ Inverted Output
A0-A7 Address Bits
EN/
Output Enable
VCC +5 Volts
GND Ground
DASH NUMBER SPECIFICATIONS
Part
Number
Incremental
Delay
Per Step (ns)
Total Delay
Change (ns)
PDU18F-.5
.5
± .3
127.5
± 6.4
PDU18F-1
1
± .5
255
± 12.8
PDU18F-2
2
± .5
510
± 25.5
PDU18F-3
3
± 1.0
765
± 38.3
PDU18F-4
4
± 1.0
1,020
± 51.0
PDU18F-5
5
± 1.5
1,275
± 63.8
PDU18F-6
6
± 1.5
1,530
± 76.5
PDU18F-8
8
± 2.0
2,040
± 102.0
PDU18F-10
10
± 2.0
2,550
± 127.5
NOTE: Any dash number between .5 and 10 not
shown is also available.
SERIES SPECIFICATIONS
Programmed delay tolerance: 5% or 2ns,
whichever is greater
Inherent delay (TD0): 13ns typical (OUT)
12ns typical (OUT/)
Setup time and propagation delay:
Address to input setup (TAIS):
10ns
Disable to output delay (TDISO): 6ns typ. (OUT)
Operating temperature: 0
° to 70° C
Temperature coefficient: 100PPM/
°C (excludes TD0)
Supply voltage VCC: 5VDC ± 5%
Supply current:
ICCH = 65ma
ICCL = 128ma
Minimum pulse width: 6% of total delay
1997 Data Delay Devices
Doc #97006
DATA DELAY DEVICES, INC.
1
1/30/06
3 Mt. Prospect Ave. Clifton, NJ 07013


Similar Part No. - PDU18F-5

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU1016H DATADELAY-PDU1016H Datasheet
48Kb / 5P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
PDU1016H-.5 DATADELAY-PDU1016H-.5 Datasheet
48Kb / 5P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
PDU1016H-.5C4 DATADELAY-PDU1016H-.5C4 Datasheet
48Kb / 5P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
PDU1016H-.5M DATADELAY-PDU1016H-.5M Datasheet
48Kb / 5P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
PDU1016H-.5MC4 DATADELAY-PDU1016H-.5MC4 Datasheet
48Kb / 5P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
More results

Similar Description - PDU18F-5

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7428 DATADELAY-3D7428_06 Datasheet
471Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
Dallas Semiconductor
DS1021 DALLAS-DS1021 Datasheet
193Kb / 9P
   Programmable 8-Bit Silicon Delay Line
DS1020 DALLAS-DS1020 Datasheet
191Kb / 9P
   Programmable 8-Bit Silicon Delay Line
logo
Maxim Integrated Produc...
DS1020S-15 MAXIM-DS1020S-15 Datasheet
196Kb / 9P
   Programmable 8-Bit Silicon Delay Line
111799
logo
List of Unclassifed Man...
3D3428 ETC-3D3428 Datasheet
509Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
Data Delay Devices, Inc...
3D7408 DATADELAY-3D7408 Datasheet
65Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428 Datasheet
513Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D3428 DATADELAY-3D3428 Datasheet
516Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D3438 DATADELAY-3D3438 Datasheet
101Kb / 6P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D7438 DATADELAY-3D7438 Datasheet
101Kb / 6P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com