Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GVT71256T18 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # GVT71256T18
Description  256K x 18 Synchronous-Pipelined Cache Tag RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

GVT71256T18 Datasheet(HTML) 5 Page - Cypress Semiconductor

  GVT71256T18 Datasheet HTML 1Page - Cypress Semiconductor GVT71256T18 Datasheet HTML 2Page - Cypress Semiconductor GVT71256T18 Datasheet HTML 3Page - Cypress Semiconductor GVT71256T18 Datasheet HTML 4Page - Cypress Semiconductor GVT71256T18 Datasheet HTML 5Page - Cypress Semiconductor GVT71256T18 Datasheet HTML 6Page - Cypress Semiconductor GVT71256T18 Datasheet HTML 7Page - Cypress Semiconductor GVT71256T18 Datasheet HTML 8Page - Cypress Semiconductor GVT71256T18 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
CY7C1359A/GVT71256T18
Document #: 38-05120 Rev. **
Page 5 of 24
Notes:
2.
X means “don’t care.” H means logic HIGH. L means logic LOW. It is assumed in this table that ADSP is HIGH and ADSC is LOW.
3.
E=L is defined as CE=LOW and CE2=LOW and CE2=HIGH. E =H is defined as CE=HIGH or CE2=HIGH or CE2=LOW. WE is defined as [BWE + WEL*WEH]*GW.
4.
All inputs except OE and MOE must meet setup and hold times around the rising edge (LOW to HIGH) of CLK.
5.
For a write operation following a read operation, OE must be HIGH before the input data required setup time plus High-Z time for OE and staying HIGH throughout
the input data hold time.
6.
This device contains circuitry that will ensure the outputs will be in High-Z during power-up.
6P
51
MOE
Input
Match Output Enable: This active LOW asynchronous input
enables the MATCH output drivers.
7P, 6N, 6L, 7K,
6H, 7G, 6F, 7E,
6D, 1D, 2E, 2G,
1H, 2K, 1L, 2M,
1N, 2P
58, 59, 62, 63, 68,
69, 72, 73, 74, 8,
9, 12, 13, 18, 19,
22, 23, 24
DQ1–
DQ18
Input/
Output
Data Inputs/Outputs: Input data must meet setup and hold
times around the rising edge of CLK.
5U
42
TDO
Output
IEEE 1149.1 test output. LVTTL-level output.
2U
3U
4U
38
39
43
TMS
TDI
TCK
Input
IEEE 1149.1 test inputs. LVTTL-level inputs.
4C, 2J, 4J, 6J, 4R
15, 41,65, 91
VCC
Supply
Power Supply: +3.3V –5% and +10%
3D, 5D, 3E, 5E,
3F, 5F, 5G, 3H,
5H, 3K, 5K, 3L,
3M, 5M, 3N, 5N,
3P, 5P
5, 10, 17, 21, 26,
40, 55, 60, 67, 71,
76, 90
VSS
Ground
Ground: GND
1A, 7A, 1F, 7F, 1J,
7J, 1M, 7M, 1U,
7U
4, 11, 20, 27, 54,
61, 70, 77
VCCQ
I/O Supply
Output Buffer Supply: +2.5V (from 2.375V to VCC)
1B, 7B, 1C, 7C,
2D, 4D, 7D, 1E,
6E, 2F, 1G, 6G,
2H, 7H, 3J, 5J,
1K, 6K, 2L, 4L,
7L, 2N, 1P, 1R,
5R, 7R, 1T, 4T, 6U
1-3, 6, 7, 14, 16,
25, 28-30, 56, 57,
66, 75, 78, 79, 95,
96
NC
-
No Connect: These signals are not internally connected.
Pin Descriptions (continued)
BGA Pins
TQFP Pins
Name
Type
Description
Burst Address Table (MODE = NC/VCC)
First
Address
(external)
Second
Address
(internal)
Third
Address
(internal)
Fourth
Address
(internal)
A...A00
A...A01
A...A10
A...A11
A...A01
A...A00
A...A11
A...A10
A...A10
A...A11
A...A00
A...A01
A...A11
A...A10
A...A01
A...A00
Burst Address Table (MODE = GND)
First
Address
(external)
Second
Address
(internal)
Third
Address
(internal)
Fourth
Address
(internal)
A...A00
A...A01
A...A10
A...A11
A...A01
A...A10
A...A11
A...A00
A...A10
A...A11
A...A00
A...A01
A...A11
A...A00
A...A01
A...A10
Partial Truth Table for MATCH[2, 3, 4, 5, 6]
Operation
E
WE
DEN
MOE
OE
MATCH
DQ
READ Cycle
L
H
X
X
L
-
Q
WRITE Cycle
LLL
X
H
-
D
Fill WRITE Cycle
L
L
H
X
H
-
High-Z
COMPARE Cycle
L
H
L
L
H
Output
D
Deselected Cycle (MATCH Out)
H
X
X
L
X
H
High-Z
Deselected Cycle
H
X
X
H
X
High-Z
High-Z


Similar Part No. - GVT71256T18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
GVT71256C36 CYPRESS-GVT71256C36 Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
GVT71256C36B-4.4 CYPRESS-GVT71256C36B-4.4 Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
GVT71256C36B-5 CYPRESS-GVT71256C36B-5 Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
GVT71256C36B-6 CYPRESS-GVT71256C36B-6 Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
GVT71256C36B-6.7 CYPRESS-GVT71256C36B-6.7 Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
More results

Similar Description - GVT71256T18

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
logo
Cypress Semiconductor
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Cypress Semiconductor
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0436V1P WEIDA-WCSS0436V1P Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
GSI Technology
GS841E18AT GSI-GS841E18AT Datasheet
600Kb / 21P
   256K x 18 Sync Cache Tag
GS84118T-166 GSI-GS84118T-166 Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
GS84118AT GSI-GS84118AT Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com