Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6377EXX5SL Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6377EXX5SL
Description  PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6377EXX5SL Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6377EXX5SL Datasheet HTML 5Page - Torex Semiconductor XC6377EXX5SL Datasheet HTML 6Page - Torex Semiconductor XC6377EXX5SL Datasheet HTML 7Page - Torex Semiconductor XC6377EXX5SL Datasheet HTML 8Page - Torex Semiconductor XC6377EXX5SL Datasheet HTML 9Page - Torex Semiconductor XC6377EXX5SL Datasheet HTML 10Page - Torex Semiconductor XC6377EXX5SL Datasheet HTML 11Page - Torex Semiconductor XC6377EXX5SL Datasheet HTML 12Page - Torex Semiconductor XC6377EXX5SL Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
XC6376/6377
Series
585
5
1. Output Voltage Internally Set-up Type (VOUT)
External Components :
L
SD1
CL
CSS
CIN
Note
: 22
µH (Sumida CR54, FOSC=300kHz)
47
µH (Sumida CR75, FOSC=180kHz)
10
µH (Sumida CR54, FOSC=500kHz)
: MA2Q735 (Schottky Diode, Matsushita)
: 10V 47
µF (Tantalum capacitor, Nichicon MCE)
: 4700pF (Ceramic capacitor, FOSC=300kHz, 180kHz)
0.01
µF (Ceramic capacitor, FOSC=500kHz)
: 16V 10
µF (Tantalum capacitor, Nichicon MCE)
: Please increase capacitance value (CIN) when necessary
2. Output Voltage Externally Set-up Type (FB)
External Components :
L
SD1
CL
CSS
CIN
RFB
CFB
Note
: 22
µH (Sumida CR54, FOSC=300kHz)
47
µH (Sumida CR75, FOSC=180kHz)
10
µH (Sumida CR54, FOSC=500kHz)
: MA2Q735 (Schottky Diode, Matsushita)
: 10V 47
µF (Tantalum capacitor, Nichicon MCE)
: 4700pF (Ceramic capacitor, FOSC=300kHz, 180kHz)
0.01
µF (Ceramic capacitor, FOSC=500kHz)
: 16V 10
µF (Tantalum capacitor, Nichicon MCE)
: Please set-up so that RFB1
÷ RFB2 = VOUT - 1 (VOUT = set-up output voltage) and ensure that
RFB1 + RFB2
≤ 2MΩ. N.B. In actual operation please set-up so that the FB pin will be equal to 1.0V
: Please set-up so that { f = 1
÷ (2π x CFB x RFB1)} will be in the range of 1 ~ 20kHz (5kHz normal )
e.g. If VOUT = 3.0V then RFB1 = 400k
Ω, FFB2 = 200kΩ, CFB = 100pF
: Please increase capacitance value (CIN) when necessary
CL
(Tantalum)
CIN
(Tantalum)
1
2
3
4
8
7
6
5
L
VIN
CE/
VOUT
SD1
Css
CL
(Tantalum)
CIN
(Tantalum)
1
2
3
4
8
7
6
5
L
VIN
RFB2
RFB1
FB
CE/
VOUT
SD1
Css
CFB
■Typical Application Circuits
05S_3XC6376/77 02.09.12 15:20 ページ 585


Similar Part No. - XC6377EXX5SL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371A TOREX-XC6371A Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371A200DL TOREX-XC6371A200DL Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results

Similar Description - XC6377EXX5SL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6365 TOREX-XC6365 Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6365 TOREX-XC6365_1 Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9206 TOREX-XC9206_1 Datasheet
474Kb / 16P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206 TOREX-XC9206 Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com