Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDU12H-50M Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # MDU12H-50M
Description  DUAL, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU12H)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

MDU12H-50M Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  MDU12H-50M Datasheet HTML 1Page - Data Delay Devices, Inc. MDU12H-50M Datasheet HTML 2Page - Data Delay Devices, Inc. MDU12H-50M Datasheet HTML 3Page - Data Delay Devices, Inc. MDU12H-50M Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MDU12H
Doc #97038
DATA DELAY DEVICES, INC.
2
12/12/97
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
APPLICATION NOTES
HIGH FREQUENCY RESPONSE
The MDU12H tolerances are guaranteed for
input pulse widths and periods greater than those
specified in the test conditions. Although the
device will function properly for pulse widths as
small as 50% of the total delay and periods as
small as 100% of the total delay (for a symmetric
input), the delays may deviate from their values
at low frequency. However, for a given input
condition, the deviation will be repeatable from
pulse to pulse. Contact technical support at Data
Delay Devices if your application requires device
testing at a specific input condition.
POWER SUPPLY BYPASSING
The MDU12H relies on a stable power supply to
produce repeatable delays within the stated
tolerances. A 0.1uf capacitor from VEE to GND,
located as close as possible to the VEE pin, is
recommended. A wide VEE trace and a clean
ground plane should be used.
DEVICE SPECIFICATIONS
TABLE 1: ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VEE
-7.0
0.3
V
Input Pin Voltage
VIN
VEE - 0.3
0.3
V
Storage Temperature
TSTRG
-55
150
C
Lead Temperature
TLEAD
300
C
10 sec
TABLE 2: DC ELECTRICAL CHARACTERISTICS
(0C to 75C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
High Level Output Voltage
VOH
-1.020
-0.735
V
VIH = MAX,50
Ω to -2V
Low Level Output Voltage
VOL
-1.950
-1.600
V
VIL = MIN, 50
Ω to -2V
High Level Input Voltage
VIH
-1.070
V
Low Level Input Voltage
VIL
-1.480
V
High Level Input Current
IIH
475
µA
VIH = MAX
Low Level Input Current
IIL
0.5
µA
VIL = MIN


Similar Part No. - MDU12H-50M

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MDU1-40-1AD SLPOWER-MDU1-40-1AD Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
MDU1-40-2AD SLPOWER-MDU1-40-2AD Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
MDU1-40-3AD SLPOWER-MDU1-40-3AD Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
MDU1-40-4AD SLPOWER-MDU1-40-4AD Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
MDU1-40-5AD SLPOWER-MDU1-40-5AD Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
More results

Similar Description - MDU12H-50M

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU18 DATADELAY-DDU18 Datasheet
222Kb / 4P
   8-TAP, ECL-INTERFACED FIXED DELAY LINE FIXED DELAY LINE
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
MDU14 DATADELAY-MDU14 Datasheet
37Kb / 4P
   QUAD, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU14)
MDU13H DATADELAY-MDU13H Datasheet
35Kb / 4P
   TRIPLE, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU13H)
DDU11H DATADELAY-DDU11H Datasheet
38Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU11H)
DDU12H DATADELAY-DDU12H Datasheet
40Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU12H)
MDU28C DATADELAY-MDU28C Datasheet
47Kb / 4P
   DUAL, HCMOS-INTERFACED FIXED DELAY LINE
PDU1016H DATADELAY-PDU1016H Datasheet
48Kb / 5P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
PDU10256H DATADELAY-PDU10256H Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU1032H DATADELAY-PDU1032H Datasheet
260Kb / 5P
   5-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU1032H)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com