Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71256T36-75 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # 71256T36-75
Description  256K x 18 Synchronous-Pipelined Cache Tag RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

71256T36-75 Datasheet(HTML) 3 Page - Cypress Semiconductor

  71256T36-75 Datasheet HTML 1Page - Cypress Semiconductor 71256T36-75 Datasheet HTML 2Page - Cypress Semiconductor 71256T36-75 Datasheet HTML 3Page - Cypress Semiconductor 71256T36-75 Datasheet HTML 4Page - Cypress Semiconductor 71256T36-75 Datasheet HTML 5Page - Cypress Semiconductor 71256T36-75 Datasheet HTML 6Page - Cypress Semiconductor 71256T36-75 Datasheet HTML 7Page - Cypress Semiconductor 71256T36-75 Datasheet HTML 8Page - Cypress Semiconductor 71256T36-75 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
CY7C1359A/GVT71256T18
Document #: 38-05120 Rev. **
Page 3 of 24
Pin Configurations
100-Pin TQFP
Top View
A
NC
NC
VCCQ
VSSQ
NC
DQ9
DQ8
DQ7
VSSQ
VCCQ
DQ6
DQ5
VSS
NC
VCC
ZZ
DQ4
DQ3
VCCQ
VSSQ
DQ2
DQ1
NC
NC
VSSQ
VCCQ
MATCH
DEN
MOE
NC
NC
NC
VCCQ
VSSQ
NC
NC
DQ10
DQ11
VSSQ
VCCQ
DQ12
DQ13
VCC
NC
VSS
DQ14
DQ15
VCCQ
VSSQ
DQ16
DQ17
DQ18
NC
VSSQ
VCCQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
CY7C1359A/GVT71256T18
NC
1
234
567
A
VCCQ
A
A
ADSP
AA
VCCQ
B
NC
CE2
AADSC
ACE2
NC
C
NC
A
A
VCC
AA
NC
D
DQ10
NC
VSS
NC
VSS
DQ9
NC
E
NC
DQ11
VSS
CE
VSS
NC
DQ8
F
VCCQ
NC
VSS
OE
VSS
DQ7
VCCQ
G
NC
DQ12
WEH
ADV
VSS
NC
DQ6
H
DQ13
NC
VSS
GW
VSS
DQ5
NC
J
VCCQ
VCC
NC
VCC
NC
VCC
VCCQ
K
NC
DQ14
VSS
CLK
VSS
NC
DQ4
L
DQ15
NC
VSS
NC
WEL
DQ3
NC
M
VCCQ
DQ16
VSS
BWE
VSS
MATCH
VCCQ
N
DQ17
NC
VSS
A1
VSS
DQ2
DEN
P
NC
DQ18
VSS
A0
VSS
MOE
DQ1
R
NC
A
MODE
VCC
NC
A
NC
T
NC
A
A
NC
A
A
ZZ
U
VCCQ
TMS
TDI
TCK
TDO
NC
VCCQ
119-Lead BGA
Top View


Similar Part No. - 71256T36-75

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7125612PZG IDT-7125612PZG Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
7125612PZG8 IDT-7125612PZG8 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
7125612PZGI IDT-7125612PZGI Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
7125612PZGI8 IDT-7125612PZGI8 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
7125612TPG IDT-7125612TPG Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
More results

Similar Description - 71256T36-75

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
logo
Cypress Semiconductor
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Cypress Semiconductor
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0436V1P WEIDA-WCSS0436V1P Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
GSI Technology
GS841E18AT GSI-GS841E18AT Datasheet
600Kb / 21P
   256K x 18 Sync Cache Tag
GS84118T-166 GSI-GS84118T-166 Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
GS84118AT GSI-GS84118AT Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com