Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6209E30ADR Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6209E30ADR
Description  High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6209E30ADR Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6209E30ADR Datasheet HTML 1Page - Torex Semiconductor XC6209E30ADR Datasheet HTML 2Page - Torex Semiconductor XC6209E30ADR Datasheet HTML 3Page - Torex Semiconductor XC6209E30ADR Datasheet HTML 4Page - Torex Semiconductor XC6209E30ADR Datasheet HTML 5Page - Torex Semiconductor XC6209E30ADR Datasheet HTML 6Page - Torex Semiconductor XC6209E30ADR Datasheet HTML 7Page - Torex Semiconductor XC6209E30ADR Datasheet HTML 8Page - Torex Semiconductor XC6209E30ADR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
XC6209 Series
High Speed LDO Regulators, Low ESR Cap. Compatible, Output On/Off Control
! MARKING RULE (Continued)
# USP-6B
12 Represents product series
3 Represents the type of voltage regulator
4 Represents the integer of output voltage
5 Represents the decimal point of output voltage
4 Represents production lot number
0 to 9, A to Z, reversed character of 0 to 9 and A to Z repeated (G,I,J,O,Q excepted)
CE Pin, High Active with no pull-down resistor
CE Pin, High Active with pull-up resistor
CE Pin, High Active with no pull-up resistor
X.95
XC6209xx9ADx
X.75
XC6209xx7ADx
XC6209xx5ADx
X.85
XC6209xx8ADx
X.45
XC6209xx4ADx
X.55
X.65
XC6209xx6ADx
X.25
XC6209xx2ADx
X.35
XC6209xx3ADx
X.05
XC6209xx0ADx
X.15
XC6209xx1ADx
XC6209xx4xDx
XC6209xx5xDx
F
E
XC6209xx6xDx
XC6209xx7xDx
7K
6H
X.6
X.7
9M
8L
X.8
X.9
XC6209xx8xDx
XC6209xx9xDx
3D
XC6209xx3xDx
5
X.3
X.4
X.5
4
2C
1B
X.1
X.2
XC6209xx1xDx
XC6209xx2xDx
5
XC6209x5xxDx
5.X
A
0
X.0
SYMBOL
OUTPUT VOLTAGE (V)
SYMBOL
XC6209xx0xDx
3
3.X
PRODUCT SERIES
XC6209x3xxDx
SYMBOL
TYPE
D
XC6209DxxxDx
C
SYMBOL
XC6209AxxxDx
B
XC6209BxxxDx
A
TYPE
CE Pin, High Active with pull-down resistor
PRODUCT SERIES
SYMBOL
XC6209AxxxDx
PRODUCT SERIES
2
1
09
XC6209CxxxDx
OUTPUT VOLTAGE (V)
USP-6B
(TOP VIEW)
Semiconductor Ltd.
6
5
4
1
2
3
Data Sheet
5


Similar Part No. - XC6209E30ADR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209E30AD TOREX-XC6209E30AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
More results

Similar Description - XC6209E30ADR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6205 TOREX-XC6205 Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com