Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDU54-2500C4 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # PDU54-2500C4
Description  4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU54)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

PDU54-2500C4 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  PDU54-2500C4 Datasheet HTML 1Page - Data Delay Devices, Inc. PDU54-2500C4 Datasheet HTML 2Page - Data Delay Devices, Inc. PDU54-2500C4 Datasheet HTML 3Page - Data Delay Devices, Inc. PDU54-2500C4 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PDU54
APPLICATION NOTES
ADDRESS UPDATE
The PDU54 is a memory device. As such,
special precautions must be taken when
changing the delay address in order to prevent
spurious output signals. The timing restrictions
are shown in Figure 1.
After the last signal edge to be delayed has
appeared on the OUT pin, a minimum time, TOAX,
is required before the address lines can change.
This time is given by the following relation:
TOAX = max { (Ai - A i-1) * TINC , 0 }
where A i-1 and Ai are the old and new address
codes, respectively. Violation of this constraint
may, depending on the history of the input signal,
cause spurious signals to appear on the OUT
pin. The possibility of spurious signals persists
until the required TOAX has elapsed.
INPUT RESTRICTIONS
There are three types of restrictions on input
pulse width and period listed in the AC
Characteristics table. The recommended
conditions are those for which the delay
tolerance specifications and monotonicity are
guaranteed. The suggested conditions are
those for which signals will propagate through the
unit without significant distortion. The absolute
conditions are those for which the unit will
produce some type of output for a given input.
When operating the unit between the
recommended and absolute conditions, the
delays may deviate from their values at low
frequency. However, these deviations will
remain constant from pulse to pulse if the input
pulse width and period remain fixed. In other
words, the delay of the unit exhibits frequency
and pulse width dependence when operated
beyond the recommended conditions. Please
consult the technical staff at Data Delay Devices
if your application has specific high-frequency
requirements.
Please note that the increment tolerances listed
represent a design goal. Although most delay
increments will fall within tolerance, they are not
guaranteed throughout the address range of the
unit. Monotonicity is, however, guaranteed over
all addresses.
PACKAGE DIMENSIONS
PDU54-xx
(Commercial DIP)
PDU54-xxM (Military DIP)
1.270
±.010
12345678
16 15 14 13
12
11
10
9
.380
MAX.
.015 TYP.
.070 MAX.
.018 TYP.
1.100
±.010
11 Equal spaces
each .100
±.010
Non-Accumulative
.580
MAX.
.600
±.005
.010
±.002
Lead Material:
Nickel-Iron alloy 42
TIN PLATE
20 19 18 17
24 23 22 21
Doc #98004
DATA DELAY DEVICES, INC.
2
3/18/98
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com


Similar Part No. - PDU54-2500C4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDU540 DIODES-PDU540 Datasheet
143Kb / 4P
   5A ULTRA-FAST RECOVERY RECTIFIER
DS30759 Rev. 2 - 2
PDU540 DIODES-PDU540 Datasheet
487Kb / 6P
   5A ULTRA-FAST RECOVERY RECTIFIER
PDU540-13 DIODES-PDU540-13 Datasheet
143Kb / 4P
   5A ULTRA-FAST RECOVERY RECTIFIER
DS30759 Rev. 2 - 2
PDU540-13 DIODES-PDU540-13 Datasheet
487Kb / 6P
   5A ULTRA-FAST RECOVERY RECTIFIER
PDU540 DIODES-PDU540_15 Datasheet
128Kb / 4P
   5A ULTRA-FAST RECOVERY RECTIFIER PowerDI 5
More results

Similar Description - PDU54-2500C4

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU1016H DATADELAY-PDU1016H Datasheet
48Kb / 5P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
PDU10256H DATADELAY-PDU10256H Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU1032H DATADELAY-PDU1032H Datasheet
260Kb / 5P
   5-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU1032H)
PDU1064H DATADELAY-PDU1064H Datasheet
42Kb / 5P
   6-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU1064H)
PDU53 DATADELAY-PDU53 Datasheet
250Kb / 4P
   3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU53)
PD10256H DATADELAY-PD10256H Datasheet
286Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU108H DATADELAY-PDU108H Datasheet
41Kb / 5P
   3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU108H)
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
MDU14 DATADELAY-MDU14 Datasheet
37Kb / 4P
   QUAD, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU14)
MDU12H DATADELAY-MDU12H Datasheet
35Kb / 4P
   DUAL, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU12H)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com