Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDU66F-100B2 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # DDU66F-100B2
Description  5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

DDU66F-100B2 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  DDU66F-100B2 Datasheet HTML 1Page - Data Delay Devices, Inc. DDU66F-100B2 Datasheet HTML 2Page - Data Delay Devices, Inc. DDU66F-100B2 Datasheet HTML 3Page - Data Delay Devices, Inc. DDU66F-100B2 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DDU66F
Doc #97020
DATA DELAY DEVICES, INC.
1
2/5/97
3 Mt. Prospect Ave. Clifton, NJ 07013
5-TAP, TTL-INTERFACED
FIXED DELAY LINE
(SERIES DDU66F)
FEATURES
PACKAGES
Five equally spaced outputs
Fits standard 14-pin DIP socket
Low profile
Auto-insertable
Input & outputs fully TTL interfaced & buffered
10 T
2L fan-out capability
FUNCTIONAL DESCRIPTION
The DDU66F-series device is a 5-tap digitally buffered delay line. The
signal input (IN) is reproduced at the outputs (T1-T5), shifted in time by an
amount given by the device dash number. For dash numbers less than 25,
the total delay of the line is measured from T1 to T5, with the nominal value
given by the dash number. The nominal tap-to-tap delay increment is
given by 1/4 of this number. The inherent delay from IN to T1 is nominally 3.5ns. For dash numbers
greater than or equal to 25, the total delay of the line is measured from IN to T5, with the nominal value
given by the dash number. The nominal tap-to-tap delay increment is given by 1/5 of this number.
SERIES SPECIFICATIONS
Minimum input pulse width: 40% of total delay
Output rise time: 2ns typical
Supply voltage:
5VDC
± 5%
Supply current:
ICCL = 32ma typical
ICCH = 7ma typical
Operating temperature: 0
° to 70° C
Temp. coefficient of total delay: 100 PPM/
°C
25%
25%
25%
25%
VCC
GND
IN
T1
T2
T3
T4
T5
Functional diagram for dash numbers < 25
3.5ns
20%
20%
20%
20%
20%
VCC
GND
IN
T1
T2
T3
T4
T5
Functional diagram for dash numbers >= 25
©
©1997 Data Delay Devices
data
delay
devices, inc.
®
®
3
14
12
10
8
1
4
6
7
IN
T2
T4
GND
VCC
T1
T3
T5
1
2
3
4
5
6
7
14
13
12
11
10
9
8
IN
N/C
N/C
T2
N/C
T4
GND
VCC
N/C
T1
N/C
T3
N/C
T5
DDU66F-xxD1
Com. SMD
DDU66F-xxD4
Com. SMD
DDU66F-xxMD1
Mil. SMD
DDU66F-xxMD4
Mil. SMD
DDU66F-xx
DIP
DDU66F-xxA2
Gull-Wing
DDU66F-xxB2
J-Lead
DDU66F-xxME7 Military DIP
PIN DESCRIPTIONS
IN
Signal Input
T1-T5 Tap Outputs
VCC
+5 Volts
GND
Ground
DASH NUMBER SPECIFICATIONS
Part
Number
Total
Delay (ns)
Delay Per
Tap (ns)
DDU66F-4
4
± 1.0 *
1.0
± 0.5
DDU66F-6
6
± 1.0 *
1.5
± 0.5
DDU66F-8
8
± 2.0 *
2.0
± 1.0
DDU66F-10
10
± 2.0 *
2.5
± 1.0
DDU66F-12
12
± 2.0 *
3.0
± 1.0
DDU66F-16
16
± 2.0 *
4.0
± 1.5
DDU66F-20
20
± 3.0 *
5.0
± 1.5
DDU66F-25
25
± 3.0
5.0
± 2.0
DDU66F-30
30
± 3.0
6.0
± 2.0
DDU66F-35
35
± 3.0
7.0
± 2.0
DDU66F-40
40
± 3.0
8.0
± 2.0
DDU66F-45
45
± 3.0
9.0
± 3.0
DDU66F-50
50
± 3.0
10.0
± 3.0
DDU66F-60
60
± 3.0
12.0
± 3.0
DDU66F-75
75
± 4.0
15.0
± 3.0
DDU66F-100
100
± 5.0
20.0
± 3.0
DDU66F-125
125
± 6.5
25.0
± 3.0
DDU66F-150
150
± 7.5
30.0
± 3.0
DDU66F-175
175
± 8.0
35.0
± 4.0
DDU66F-200
200
± 10.0
40.0
± 4.0
DDU66F-250
250
± 12.5
50.0
± 5.0
* Total delay is referenced to first tap output
Input to first tap = 3.5ns
±± 1ns
NOTE: Any dash number between 4 and 250 not
shown is also available.


Similar Part No. - DDU66F-100B2

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU66C DATADELAY-DDU66C Datasheet
236Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU66C)
DDU66C-100A DATADELAY-DDU66C-100A Datasheet
236Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU66C)
DDU66C-100B2 DATADELAY-DDU66C-100B2 Datasheet
236Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU66C)
DDU66C-100D1 DATADELAY-DDU66C-100D1 Datasheet
236Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU66C)
DDU66C-100D4 DATADELAY-DDU66C-100D4 Datasheet
236Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU66C)
More results

Similar Description - DDU66F-100B2

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
SMD99F DATADELAY-SMD99F Datasheet
43Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU4F DATADELAY-DDU4F Datasheet
52Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU4F)
DDU222F DATADELAY-DDU222F Datasheet
38Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU222F)
DDU7C DATADELAY-DDU7C Datasheet
40Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU224F DATADELAY-DDU224F Datasheet
41Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU7F DATADELAY-DDU7F Datasheet
46Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU7F)
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
DDU8C DATADELAY-DDU8C Datasheet
51Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
DDU11H DATADELAY-DDU11H Datasheet
38Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU11H)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com