Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDU14-3MC4 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # MDU14-3MC4
Description  QUAD, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU14)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

MDU14-3MC4 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  MDU14-3MC4 Datasheet HTML 1Page - Data Delay Devices, Inc. MDU14-3MC4 Datasheet HTML 2Page - Data Delay Devices, Inc. MDU14-3MC4 Datasheet HTML 3Page - Data Delay Devices, Inc. MDU14-3MC4 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MDU14
Doc #97042
DATA DELAY DEVICES, INC.
1
12/15/97
3 Mt. Prospect Ave. Clifton, NJ 07013
QUAD, ECL-INTERFACED
FIXED DELAY LINE
(SERIES MDU14)
FEATURES
PACKAGES
Four independent delay lines
Fits 24-pin (400mil) DIP socket
Auto-insertable
Input & outputs fully 100K-ECL interfaced & buffered
FUNCTIONAL DESCRIPTION
The MDU14-series device is a 4-in-1 digitally buffered delay line. The
signal inputs (I1-I4) are reproduced at the outputs (O1-O4), shifted in time
by an amount determined by the device dash number (See Table). The
delay lines function completely independently of each other.
SERIES SPECIFICATIONS
Minimum input pulse width: 40% of total delay
Output rise time: 2ns typical
Supply voltage:
-5VDC
± 5%
Power dissipation: 500mw typical (no load)
Operating temperature: 0
° to 85° C
Temp. coefficient of total delay: 100 PPM/
°C
100%
VCC
GND
I1
I2
I3
Functional block diagram
100%
100%
O3
O2
O1
I4
100%
O4
©
©1997 Data Delay Devices
data
delay
devices, inc.
®
®
3
24
22
20
19
18
16
13
1
3
5
6
7
9
11
GND
O1
O2
GND
GND
O3
O4
I1
I2
I3
GND
VEE
I4
GND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
N/C
O1
N/C
O2
GND
GND
N/C
O3
N/C
O4
N/C
I1
N/C
I2
N/C
I3
GND
VEE
N/C
I4
N/C
N/C
GND
MDU14-xx
DIP
MDU14-xxM
Military DIP
DDU14-xxC4
SMD
DDU14-xxMC4
Mil SMD
PIN DESCRIPTIONS
I1-I4
Signal Inputs
O1-O4 Signal Outputs
VEE
-5 Volts
GND
Ground
DASH NUMBER SPECIFICATIONS
Part
Number
Total
Delay (ns)
MDU14-2
2.0
± 1.0
MDU14-2.5
2.5
± 1.0
MDU14-3
3.0
± 1.0
MDU14-4
4.0
± 1.0
MDU14-5
5.0
± 1.0
MDU14-6
6.0
± 1.0
MDU14-7
7.0
± 1.0
MDU14-8
8.0
± 1.0
MDU14-9
9.0
± 1.0
MDU14-10
10.0
± 1.0
MDU14-12.5
12.5
± 1.0
MDU14-15
15.0
± 1.0
MDU14-20
20.0
± 1.0
MDU14-25
25.0
± 1.2
NOTE: Any dash number between 2 and 25
not shown is also available.


Similar Part No. - MDU14-3MC4

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MDU1420 MICROSEMI-MDU1420 Datasheet
796Kb / 2P
   PLANAR TRANSCEIVERS
More results

Similar Description - MDU14-3MC4

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU18 DATADELAY-DDU18 Datasheet
222Kb / 4P
   8-TAP, ECL-INTERFACED FIXED DELAY LINE FIXED DELAY LINE
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
MDU12H DATADELAY-MDU12H Datasheet
35Kb / 4P
   DUAL, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU12H)
MDU13H DATADELAY-MDU13H Datasheet
35Kb / 4P
   TRIPLE, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU13H)
DDU11H DATADELAY-DDU11H Datasheet
38Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU11H)
DDU12H DATADELAY-DDU12H Datasheet
40Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU12H)
PDU1016H DATADELAY-PDU1016H Datasheet
48Kb / 5P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
MDU28C DATADELAY-MDU28C Datasheet
47Kb / 4P
   DUAL, HCMOS-INTERFACED FIXED DELAY LINE
PDU10256H DATADELAY-PDU10256H Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU1032H DATADELAY-PDU1032H Datasheet
260Kb / 5P
   5-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU1032H)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com