Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDU53-2000MC3 Datasheet(PDF) 3 Page - Data Delay Devices, Inc.

Part # PDU53-2000MC3
Description  3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU53)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

PDU53-2000MC3 Datasheet(HTML) 3 Page - Data Delay Devices, Inc.

  PDU53-2000MC3 Datasheet HTML 1Page - Data Delay Devices, Inc. PDU53-2000MC3 Datasheet HTML 2Page - Data Delay Devices, Inc. PDU53-2000MC3 Datasheet HTML 3Page - Data Delay Devices, Inc. PDU53-2000MC3 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PDU53
Doc #98003
DATA DELAY DEVICES, INC.
3
3/18/98
3 Mt. Prospect Ave. Clifton, NJ 07013
PACKAGE DIMENSIONS (cont’d)
PDU53-xxC3
(Commercial SMD)
PDU53-xxMC3 (Military SMD)
.880
±.020
.882
±.00
.020 TYP.
.040
TYP.
.100
.090
.700
.380
MAX.
.590
MAX.
.010
±.002
.050
±.01
.710
±.00
.007
±.00
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DEVICE SPECIFICATIONS
TABLE 1: AC CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
UNITS
Total Programmable Delay
TDT
7
TINC
Inherent Delay
TD0
2.2
ns
Address to Input Setup Time
TAIS
2.9
ns
Output to Address Change
TOAX
See Text
Absolute
PERIN
30
% of TDT
Input Period
Suggested
PERIN
50
% of TDT
Recommended
PERIN
200
% of TDT
Absolute
PWIN
15
% of TDT
Input Pulse Width
Suggested
PWIN
25
% of TDT
Recommended
PWIN
100
% of TDT
TABLE 2: ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VEE
-7.0
0.3
V
Input Pin Voltage
VIN
VEE - 0.3
0.3
V
Storage Temperature
TSTRG
-65
150
C
Lead Temperature
TLEAD
300
C
10 sec
TABLE 3: DC ELECTRICAL CHARACTERISTICS
(0C to 85C)
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
High Level Output Voltage
VOH
-1.025
-0.880
V
VIH = MAX,50Ω to -2V
Low Level Output Voltage
VOL
-1.810
-1.620
V
VIL = MIN, 50Ω to -2V
High Level Input Voltage
VIH
-1.165
-0.880
V
Low Level Input Voltage
VIL
-1.810
-1.475
V
High Level Input Current
IIH
340
µA
VIH = MAX
Low Level Input Current
IIL
0.5
µA
VIL = MIN


Similar Part No. - PDU53-2000MC3

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU54 DATADELAY-PDU54 Datasheet
249Kb / 4P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU54)
PDU54-100 DATADELAY-PDU54-100 Datasheet
249Kb / 4P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU54)
PDU54-1000 DATADELAY-PDU54-1000 Datasheet
249Kb / 4P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU54)
PDU54-1000C4 DATADELAY-PDU54-1000C4 Datasheet
249Kb / 4P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU54)
PDU54-1000M DATADELAY-PDU54-1000M Datasheet
249Kb / 4P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU54)
More results

Similar Description - PDU53-2000MC3

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU108H DATADELAY-PDU108H Datasheet
41Kb / 5P
   3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU108H)
PDU1016H DATADELAY-PDU1016H Datasheet
48Kb / 5P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
PDU10256H DATADELAY-PDU10256H Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU1032H DATADELAY-PDU1032H Datasheet
260Kb / 5P
   5-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU1032H)
PDU1064H DATADELAY-PDU1064H Datasheet
42Kb / 5P
   6-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU1064H)
PD10256H DATADELAY-PD10256H Datasheet
286Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU54 DATADELAY-PDU54 Datasheet
249Kb / 4P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU54)
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
MDU14 DATADELAY-MDU14 Datasheet
37Kb / 4P
   QUAD, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU14)
MDU12H DATADELAY-MDU12H Datasheet
35Kb / 4P
   DUAL, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU12H)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com