Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRC101 Datasheet(PDF) 11 Page - RF Monolithics, Inc

Part # TRC101
Description  highly integrated single chip
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

TRC101 Datasheet(HTML) 11 Page - RF Monolithics, Inc

Back Button TRC101 Datasheet HTML 7Page - RF Monolithics, Inc TRC101 Datasheet HTML 8Page - RF Monolithics, Inc TRC101 Datasheet HTML 9Page - RF Monolithics, Inc TRC101 Datasheet HTML 10Page - RF Monolithics, Inc TRC101 Datasheet HTML 11Page - RF Monolithics, Inc TRC101 Datasheet HTML 12Page - RF Monolithics, Inc TRC101 Datasheet HTML 13Page - RF Monolithics, Inc TRC101 Datasheet HTML 14Page - RF Monolithics, Inc TRC101 Datasheet HTML 15Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11
SPI Interface
The TRC101 is equipped with a standard SPI bus that is compatible to almost all SPI devices. All
functions and status of the chip are accessible through the SPI bus. Typical SPI devices are configured
for byte write operations. The TRC101 uses word writes so the nCS pin(3) should be pulled low for 16
bits.
Figure 3. SPI Interface Timing


Similar Part No. - TRC101

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
TRC10-103 RCD-TRC10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRC10-104 RCD-TRC10-104 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRC10-105 RCD-TRC10-105 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRC10-106 RCD-TRC10-106 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRC10-107 RCD-TRC10-107 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
More results

Similar Description - TRC101

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
CM118B CMEDIA-CM118B Datasheet
605Kb / 25P
   Highly Integrated & Configurable USB Audio Single Chip
CM119B CMEDIA-CM119B Datasheet
473Kb / 29P
   A Highly Integrated USB Audio Single Chip
CM108B CMEDIA-CM108B Datasheet
561Kb / 24P
   A Highly Integrated USB Audio Single Chip
logo
NXP Semiconductors
OL2381 NXP-OL2381 Datasheet
1Mb / 152P
   Highly integrated single-chip sub 1 GHz RF transceiver
Rev. 1-30 November 2011
logo
STMicroelectronics
L5510 STMICROELECTRONICS-L5510 Datasheet
53Kb / 3P
   HIGHLY INTEGRATED, AUTOMATED SINGLE-CHIP DRIVE MANAGER AND DISK DRIVE CONTROLLER
logo
Etron Technology, Inc.
EL7300 ETRON-EL7300 Datasheet
889Kb / 5P
   highly integrated single chip solution for the Flat Panel Display applications
logo
International Rectifier
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
logo
Maxim Integrated Produc...
MAXM15466 MAXIM-MAXM15466 Datasheet
665Kb / 10P
   Highly Integrated Solution
Rev 0; 3/19
MAXM17624 MAXIM-MAXM17624 Datasheet
619Kb / 10P
   Highly Integrated Solution
Rev 0; 1/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com