Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LN151F Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # LN151F
Description  GaAs Infrared Light Emitting Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN151F Datasheet(HTML) 2 Page - Panasonic Semiconductor

  LN151F Datasheet HTML 1Page - Panasonic Semiconductor LN151F Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Infrared Light Emitting Diodes
LN151F, LN151L
IF — Ta
120
100
80
60
40
20
Ambient temperature
Ta (˚C )
0
20406080
100
0
– 25
IFP — Duty cycle
10 2
10
1
10 –1
Duty cycle (%)
110
10 2
10 –2
10 –1
tw = 10µs
Ta = 25˚C
IFP — VF
10 3
10 2
10
1
10 –1
Forward voltage
V
F (V)
10 –2
0
tw = 10µs
f = 100Hz
Ta = 25˚C
135
24
VF — Ta
1.6
1.2
0.8
0.4
0
Ambient temperature
Ta (˚C )
– 40
0
40
80
120
∆P
O — IFP
10 3
10 2
10
1
Pulse forward current
I
FP (mA)
10 3
10 4
10 2
10 –2
10 –1
110
(1) tw = 10µs
Duty Cycle = 0.1%
(2) DC
Ta = 25˚C
∆P
O — Ta
10
1
Ambient temperature
Ta (˚C )
IF = 50mA
– 40
0
40
80
10 –1
Spectral characteristics
100
80
60
40
20
Wavelength
λ (nm)
850
900
950
1000
1050
1100
0
800
IF = 100mA
Ta = 25˚C
10˚
20˚
30˚
40˚
50˚
60˚
70˚
80˚
90˚
Directivity characteristics
Frequency characteristics
10 2
10
1
10 –1
Frequency
f (kHz)
10 3
10 4
10 2
10 –2
10
Ta = 25˚C
90
100
80
70
60
50
40
30
2 0
LN151L
LN151F
(1)
(2)
IF = 100mA
50mA
10mA
Ta = 25˚C


Similar Part No. - LN151F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LN15 SAMSUNG-LN15 Datasheet
107Kb / 2P
   Single Jacket Non-Armored
logo
Panasonic Semiconductor
LN152 PANASONIC-LN152 Datasheet
36Kb / 2P
   GaAs Infrared Light Emitting Diode
logo
Beijing Yaohuadechang E...
LN152-1 YHDC-LN152-1 Datasheet
579Kb / 1P
   LN series common mode choke
LN152-10 YHDC-LN152-10 Datasheet
599Kb / 1P
   LN series common mode choke
LN152-2 YHDC-LN152-2 Datasheet
578Kb / 1P
   LN series common mode choke
More results

Similar Description - LN151F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN51F PANASONIC-LN51F Datasheet
45Kb / 2P
   GaAs Infrared Light Emitting Diodes
LN59-LNA2702L PANASONIC-LN59-LNA2702L Datasheet
69Kb / 3P
   GaAs Bi-directional Infrared Light Emitting Diodes
logo
KODENSHI_AUK CORP.
EL6F11 KODENSHI-EL6F11 Datasheet
205Kb / 2P
   Infrared Emitting Diodes(GaAs)
logo
PerkinElmer Optoelectro...
VTE3322LA PERKINELMER-VTE3322LA Datasheet
22Kb / 1P
   GaAs Infrared Emitting Diodes
logo
KODENSHI_AUK CORP.
EL-23G KODENSHI-EL-23G Datasheet
190Kb / 2P
   Infrared Emitting Diodes(GaAs)
EL-305 KODENSHI-EL-305 Datasheet
201Kb / 2P
   Infrared Emitting Diodes(GaAs)
EL-315 KODENSHI-EL-315 Datasheet
192Kb / 2P
   Infrared Emitting Diodes(GaAs)
EL-325 KODENSHI-EL-325 Datasheet
74Kb / 2P
   Infrared Emitting Diodes(GaAs)
KEL55L KODENSHI-KEL55L Datasheet
168Kb / 2P
   Infrared Emitting Diodes(GaAs)
KET511 KODENSHI-KET511 Datasheet
385Kb / 2P
   Infrared Emitting Diodes(GaAs)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com