Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8A40 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # 8A40
Description  CURRENT 8.0 Amperes VOLTAGE 50 TO 100 VOLTS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

8A40 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  8A40 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8A05 THRU 8A100
Features
Mechanical Data
· The plastic package carries Underwrites Laboratory
Flammability Classification 94V-0
· High forward current capability
· High surge current capability
· Construction utilizes void-free molded plastic technique
· High temperature soldering guaranteed : 250℃/10 seconds,
0.375"(9.5mm) lead length, 5 lbs, (2.3kg) tension
Maximum Ratings And Electrical Characteristics
· Case : P-6 molded plastic body
· Terminals : Lead solderable per MIL-STD-750,
method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.07 ounce, 2.1 grams
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
Notes:
(1) Measured at 1MHz and applied reverse voltage of 4.0V DC.
(2) Thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm) lead length, P.C.B. mounted
with 1.1×1.1"(30×30mm) copper pads.
CURRENT 8.0 Amperes
VOLTAGE 50 to 1000 Volts
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms half sine
wave superimposed on rated load
(JEDEC method)
VDC
Maximum average forward rectified current
0.375"(9.5mm) lead length TA=60℃
Maximum instantaneous forward voltage
at 8.0A
VRRM
Volts
Symbols
Units
1.1
VF
VRMS
8.0
Amps
400.0
IFSM
TJ
TSTG
100.0
-50 to +175
Volts
Amps
Maximum reverse
current at rated voltage
Typical thermal resistance (Note 2)
Typical junction capacitance (Note 1)
Operating and storage temperature range
50
8A05
35
50
10.0
20.0
4.0
Volts
μA
℃/W
pF
I(AV)
IR
JL
JA
TA=25℃
TA=100℃
150
CJ
100
8A10
70
100
200
8A20
140
200
400
8A40
280
400
600
8A60
420
600
800
8A80
560
800
1000
8A100
700
1000
Dimensions in inches and (millimeters)
P-6
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.360(9.1)
0.340(8.6)
0.052(1.3)
0.048(1.2)
DIA.
0.360(9.1)
0.340(8.6)
DIA.


Similar Part No. - 8A40

ManufacturerPart #DatasheetDescription
logo
RFE international
8A40 RFE-8A40 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose Rectifiers, 1 to 8 Amps
logo
MolexKits
8A4000-31 MOLEXKITS-8A4000-31 Datasheet
41Kb / 2P
   M12 Field-Attachable 4 Pole Male Mount Receptacle,Straight Male and Female Connector and 5m Single-Ended Cable
8A4006-31 MOLEXKITS-8A4006-31 Datasheet
41Kb / 2P
   M12 Field-Attachable 4 Pole Male Mount Receptacle,Straight Male and Female Connector and 5m Single-Ended Cable
logo
List of Unclassifed Man...
8A4006-325 ETC2-8A4006-325 Datasheet
140Kb / 2P
   MICRO-CHANGE 8A SERIES RE-WIREABLE CONNECTOR
logo
Copal Electronics
8A4011C-Z COPAL-8A4011C-Z Datasheet
1Mb / 10P
   Toggle Switches
More results

Similar Description - 8A40

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SFP81 DAESAN-SFP81 Datasheet
283Kb / 2P
   CURRENT 8.0 AMPERES VOLTAGE 50 TO 600 VOLTS
KBU8A DAESAN-KBU8A Datasheet
181Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
FR801 DAESAN-FR801 Datasheet
316Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC8005 DAESAN-KBPC8005 Datasheet
178Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
HER801 DAESAN-HER801 Datasheet
304Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
FP801 DAESAN-FP801 Datasheet
321Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
SF81 DAESAN-SF81 Datasheet
324Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
HEP801 DAESAN-HEP801 Datasheet
256Kb / 2P
   CURRENT 8.0 AMPERES VOLTAGE 50 TO 600 VOLTS
logo
WILLAS ELECTRONIC CORP
BR805 WILLAS-BR805 Datasheet
267Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
FR801 WILLAS-FR801 Datasheet
238Kb / 2P
   VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com