Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLO31F-10M Datasheet(PDF) 4 Page - Data Delay Devices, Inc.

Part # DLO31F-10M
Description  TTL-INTERFACED, GATED DELAY LINE OSCILLATOR (SERIES DLO31F)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

DLO31F-10M Datasheet(HTML) 4 Page - Data Delay Devices, Inc.

  DLO31F-10M Datasheet HTML 1Page - Data Delay Devices, Inc. DLO31F-10M Datasheet HTML 2Page - Data Delay Devices, Inc. DLO31F-10M Datasheet HTML 3Page - Data Delay Devices, Inc. DLO31F-10M Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DLO31F
Doc #98001
DATA DELAY DEVICES, INC.
4
3/17/98
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature: 25
oC
± 3oC
Load:
1 FAST-TTL Gate
Supply Voltage (Vcc):
5.0V
± 0.1V
Cload:
5pf
± 10%
Input Pulse:
High = 3.0V
± 0.1V
Threshold:
1.5V (Rising & Falling)
Low = 0.0V
± 0.1V
Source Impedance:
50
Ω Max.
Rise/Fall Time:
3.0 ns Max. (measured
between 0.6V and 2.4V )
Pulse Width Low:
PWIN = 10 x Clock Period
Period:
PERIN = 20 x Clock Period
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
C1
OUT
TRIG
IN
TRIG
Test Setup
DEVICE UNDER
TEST (DUT)
OSCILLOSCOPE
PULSE
GENERATOR
GB
C2
FREQUENCY
COUNTER
Timing Diagram For Testing
TEO
PERIN
PWIN
TFALL
TRISE
0.6V
0.6V
1.5V
1.5V
2.4V
2.4V
1.5V
1.5V
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL


Similar Part No. - DLO31F-10M

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DLO32F DATADELAY-DLO32F Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR
DLO32F-10 DATADELAY-DLO32F-10 Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR
DLO32F-10A2 DATADELAY-DLO32F-10A2 Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR
DLO32F-10B2 DATADELAY-DLO32F-10B2 Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR
DLO32F-10M DATADELAY-DLO32F-10M Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR
More results

Similar Description - DLO31F-10M

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DLO32F DATADELAY-DLO32F Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR
DLO-50 DATADELAY-DLO-50 Datasheet
111Kb / 1P
   GATED-DELAY LINE OSCILLATOR
DLO-34F DATADELAY-DLO-34F Datasheet
120Kb / 1P
   GATED-DELAY LINE OSCILLATOR
DLO-36F DATADELAY-DLO-36F Datasheet
112Kb / 1P
   GATED-DELAY LINE OSCILLATOR
SMD99F DATADELAY-SMD99F Datasheet
43Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
3D7701 DATADELAY-3D7701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D3701 DATADELAY-3D3701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
DDU7C DATADELAY-DDU7C Datasheet
40Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU224F DATADELAY-DDU224F Datasheet
41Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com