Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDU12H-45MC3 Datasheet(PDF) 4 Page - Data Delay Devices, Inc.

Part # MDU12H-45MC3
Description  DUAL, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU12H)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

MDU12H-45MC3 Datasheet(HTML) 4 Page - Data Delay Devices, Inc.

  MDU12H-45MC3 Datasheet HTML 1Page - Data Delay Devices, Inc. MDU12H-45MC3 Datasheet HTML 2Page - Data Delay Devices, Inc. MDU12H-45MC3 Datasheet HTML 3Page - Data Delay Devices, Inc. MDU12H-45MC3 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MDU12H
Doc #97038
DATA DELAY DEVICES, INC.
4
12/12/97
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature: 25
oC
± 3oC
Load:
50
Ω to -2V
Supply Voltage (Vcc): -5.0V
± 0.1V
Cload:
5pf
± 10%
Input Pulse:
Standard 10KH ECL
Threshold:
(VOH + VOL) / 2
levels
(Rising & Falling)
Source Impedance:
50
Ω Max.
Rise/Fall Time:
2.0 ns Max. (measured
between 20% and 80%)
Pulse Width:
PWIN = 1.5 x Total Delay
Period:
PERIN = 10 x Total Delay
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
O1
TRIG
IN
REF
Test Setup
DEVICE UNDER
TEST (DUT)
OSCILLOSCOPE
PULSE
GENERATOR
O2
OUT
TRIG
I1
I2
Timing Diagram For Testing
TRISE
TFALL
PERIN
PWIN
TRISE
TFALL
20%
20%
50%
50%
80%
80%
50%
50%
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL


Similar Part No. - MDU12H-45MC3

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MDU1-40-1AD SLPOWER-MDU1-40-1AD Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
MDU1-40-2AD SLPOWER-MDU1-40-2AD Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
MDU1-40-3AD SLPOWER-MDU1-40-3AD Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
MDU1-40-4AD SLPOWER-MDU1-40-4AD Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
MDU1-40-5AD SLPOWER-MDU1-40-5AD Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
More results

Similar Description - MDU12H-45MC3

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU18 DATADELAY-DDU18 Datasheet
222Kb / 4P
   8-TAP, ECL-INTERFACED FIXED DELAY LINE FIXED DELAY LINE
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
MDU14 DATADELAY-MDU14 Datasheet
37Kb / 4P
   QUAD, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU14)
MDU13H DATADELAY-MDU13H Datasheet
35Kb / 4P
   TRIPLE, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU13H)
DDU11H DATADELAY-DDU11H Datasheet
38Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU11H)
DDU12H DATADELAY-DDU12H Datasheet
40Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU12H)
MDU28C DATADELAY-MDU28C Datasheet
47Kb / 4P
   DUAL, HCMOS-INTERFACED FIXED DELAY LINE
PDU1016H DATADELAY-PDU1016H Datasheet
48Kb / 5P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
PDU10256H DATADELAY-PDU10256H Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU1032H DATADELAY-PDU1032H Datasheet
260Kb / 5P
   5-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU1032H)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com