Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC61FC2542LL Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC61FC2542LL
Description  Voltage Detectors ( Delay Circuit Built-In)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61FC2542LL Datasheet(HTML) 3 Page - Torex Semiconductor

  XC61FC2542LL Datasheet HTML 1Page - Torex Semiconductor XC61FC2542LL Datasheet HTML 2Page - Torex Semiconductor XC61FC2542LL Datasheet HTML 3Page - Torex Semiconductor XC61FC2542LL Datasheet HTML 4Page - Torex Semiconductor XC61FC2542LL Datasheet HTML 5Page - Torex Semiconductor XC61FC2542LL Datasheet HTML 6Page - Torex Semiconductor XC61FC2542LL Datasheet HTML 7Page - Torex Semiconductor XC61FC2542LL Datasheet HTML 8Page - Torex Semiconductor XC61FC2542LL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
XC61F
Series
159
2
■Product Classification
GOrdering Information
XC61F
X X X X X X X
     ↑↑↑↑↑↑↑
a b b c d e f
Output Configuration :
Package Type :
C = CMOS
M = SOT-23
N = N-ch open drain
P = SOT-89
T = TO-92 (Regular)
L = TO-92 (Custom pin
Configuration)
Detect Voltage (VDF) :
25 = 2.5V
38 = 3.8V
Output Delay :
Device Orientation :
1 = 50ms to 200ms
R = Embossed Tape ( Right )
4 = 80ms to 400ms
L = Embossed Tape ( Left )
H: Paper Tape (TO-92)
B: Bag (TO-92)
5 = 1ms to 50ms
Detect Accuracy :
2 = within
± 2.0%
e
f
DESCRIPTION
DESIGNATOR
DESCRIPTION
DESIGNATOR
a
b
c
d
■Packaging Information
GSOT-23
1.1±0.1
0∼0.1
0.15
(0.95)
1.9±0.2
2.9±0.2
+0.1
-0.05
0.4
+0.1
-0.05
02S_04XC61F 02.09.12 14:04 ページ 159


Similar Part No. - XC61FC2542LL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61FC1612LB TOREX-XC61FC1612LB Datasheet
740Kb / 12P
   Voltage Detectors, Delay Circuit Built-In
XC61FC1612LB TOREX-XC61FC1612LB Datasheet
674Kb / 14P
   Voltage Detectors, Delay Circuit Built-In
XC61FC1612LH TOREX-XC61FC1612LH Datasheet
740Kb / 12P
   Voltage Detectors, Delay Circuit Built-In
XC61FC1612LH TOREX-XC61FC1612LH Datasheet
674Kb / 14P
   Voltage Detectors, Delay Circuit Built-In
XC61FC1612LL TOREX-XC61FC1612LL Datasheet
740Kb / 12P
   Voltage Detectors, Delay Circuit Built-In
More results

Similar Description - XC61FC2542LL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61F TOREX-XC61F_2 Datasheet
674Kb / 14P
   Voltage Detectors, Delay Circuit Built-In
XC61F TOREX-XC61F_1 Datasheet
740Kb / 12P
   Voltage Detectors, Delay Circuit Built-In
logo
E-CMOS Corporation
EC95810 E-CMOS-EC95810 Datasheet
931Kb / 15P
   Voltage Detectors with Built-in Delay Circuit
logo
Unisonic Technologies
81CXXX UTC-81CXXX_11 Datasheet
477Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81NXX UTC-81NXX_15 Datasheet
492Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81CXXX UTC-81CXXX_12 Datasheet
525Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81NXX UTC-81NXX Datasheet
492Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81CXXX UTC-81CXXX Datasheet
204Kb / 15P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
logo
AiT Semiconductor Inc.
A4809C AITSEMI-A4809C Datasheet
503Kb / 8P
   SUPERVISOR (RESET IC) VOLTAGE DETECTORS WITH DELAY CIRCUIT BUILT-IN
REV1.2
logo
Seiko Instruments Inc
S-19101C25H-N4T2U SII-S-19101C25H-N4T2U Datasheet
1Mb / 31P
   BUILT-IN DELAY CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com